| 전자부품 데이터시트 검색엔진 |
|
M38K09RFS 데이터시트(PDF) 172 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M38K09RFS 데이터시트(HTML) 172 Page - Renesas Technology Corp |
|
172 / 328 page ![]() 2.4 Serial I/O Rev.2.00 Oct 05, 2006 page 43 of 111 38K0 Group REJ09B0337-0200 APPLICATION Fig. 2.4.6 Structure of Baud rate generator Baud rate generator b7 b6 b5 b4 b3 b2 b1 b0 B Function At reset RW 0 1 2 3 4 5 6 7 ? ? ? ? ? ? ? ? Baud rate generator (BRG) [Address : 0FE216] Set a count value of baud rate generator. Fig. 2.4.7 Structure of Interrupt edge selection register b7 b6 b5 b4 b3 b2 b1 b0 RW 0 0 2 0 3 0 4 0 5 0 60 7 0 1 0 0 : Falling edge active 1 : Rising edge active INT0 interrupt edge selection bit Interrupt edge selection register (INTEDGE) [Address : 0FF316] B Function At reset Name Interrupt edge selection register 0 : Falling edge active 1 : Rising edge active INT1 interrupt edge selection bit Nothing is arranged for this bits. This is a write disabled bit. When this bit is read out, the contents are “0”. Nothing is arranged for this bits. This is a write disabled bit. When this bit is read out, the contents are “0”. |