| 전자부품 데이터시트 검색엔진 |
|
M38K09RFS 데이터시트(PDF) 223 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M38K09RFS 데이터시트(HTML) 223 Page - Renesas Technology Corp |
|
223 / 328 page ![]() 2.12 Standby function Rev.2.00 Oct 05, 2006 page 94 of 111 38K0 Group REJ09B0337-0200 APPLICATION 2.12 Standby function The 38K0 group is provided with standby functions to stop the CPU by software and put the CPU into the low-power operation. The following two types of standby functions are available. •Stop mode using STP instruction •Wait mode using WIT instruction 2.12.1 Memory map Fig. 2.12.1 Memory map of registers related to standby function 2.12.2 Related registers Fig. 2.12.2 Structure of MISRG MISRG (MISRG) 0FFB16 b7 b6 b5 b4 b3 b2 b1 b0 R W 0 0 2 3 4 5 6 7 1 ? B Name Functions At reset MISRG (MISRG: address 0FFB16) MISRG 0 : Automatically set “0116” to Timer 1, “FF16” to Prescaler 12 1 : Automatically set nothing Nothing is arranged for these bits. These are write disabled bits. When these bits are read out, the contents are indefinite. Oscillation stabilizing time set after STP instruction released bit |