| 전자부품 데이터시트 검색엔진 |
|
M38K09RFS 데이터시트(PDF) 231 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M38K09RFS 데이터시트(HTML) 231 Page - Renesas Technology Corp |
|
231 / 328 page ![]() 2.13 Flash memory Rev.2.00 Oct 05, 2006 page 102 of 111 38K0 Group REJ09B0337-0200 APPLICATION Fig. 2.13.1 Memory map of flash memory version for 38K0 Group 2.13 Flash memory This paragraph explains the registers setting method and the notes related to the flash memory version. 2.13.1 Overview The functions of the flash memory version are similar to those of the mask ROM version except that the flash memory is built-in and some of the SFR area differ from that of the mask ROM version (refer to “2.13.2 Memory map”). In the flash memory version, the built-in flash memory can be programmed or erased by using the following three modes. • CPU rewrite mode • Parallel I/O mode • Standard serial I/O mode 2.13.2 Memory map 38K0 group flash memory version has 32 Kbytes of built-in flash memory. Figure 2.13.1 shows the memory map of the flash memory version. Internal RAM area (2 Kbyte) Not used Built-in flash memory area (32 Kbytes) 000016 004016 083F16 084016 0FE016 100016 FFFF16 RAM 800016 FFFF16 32 Kbytes User ROM area Boot ROM area FFFF16 F00016 4 Kbytes 0FFF16 Reserved ROM area 800016 808016 SFR area SFR area Not used Note: Access to boot ROM area Pararell I/O mode CPU rewrite mode Standard serial mode Read/Write avilable Read only available Read only available |