| 전자부품 데이터시트 검색엔진 |
|
M38K09RFS 데이터시트(PDF) 237 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M38K09RFS 데이터시트(HTML) 237 Page - Renesas Technology Corp |
|
237 / 328 page ![]() 2.13 Flash memory Rev.2.00 Oct 05, 2006 page 108 of 111 38K0 Group REJ09B0337-0200 APPLICATION ➂ When control signals are affected to user system circuit-2 Figure 2.13.7 shows an example that the analog switch (74HC4066) cut-off the control signals not to supply to the user system circuit in the standard serial I/O mode. Fig. 2.13.7 Connection example in standard serial I/O mode (3) RESET VPP(CNVss) XIN XOUT Target board 74HC4066 VSS User reset signal (Low active) To user system circuit ✽: It is necessary to apply Vcc to SCLK (P42/ExTC) pin only when reset is released in the standard serial I/O mode. ✽ M38K09F8FP/HP M38K09F8LFP/LHP TXD(P41/ExDACK) SCLK(P42/ExTC) RXD(P40/ExDREQ) BUSY(P43/ExA1) DVCC PVCC VCC PVSS (P16) |