| 전자부품 데이터시트 검색엔진 |
|
M38K09RFS 데이터시트(PDF) 306 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M38K09RFS 데이터시트(HTML) 306 Page - Renesas Technology Corp |
|
306 / 328 page ![]() 3.4 List of registers Rev.2.00 Oct 05, 2006 page 65 of 89 38K0 Group REJ09B0337-0200 APPENDIX Fig. 3.4.64 Structure of Interrupt control register 1 b7 b6 b5 b4 b3 b2 b1 b0 RW 0 0 2 0 3 0 4 0 5 0 6 0 7 0 1 0 INT1 interrupt enable bit Interrupt control register 2 (ICON2) [Address : 3F16] B Function At reset Name Interrupt control register 2 Serial I/O receive interrupt enable bit Serial I/O transmit interrupt enable bit CNTR0 interrupt enable bit Key-on wake-up interrupt enable bit A/D conversion interrupt enable bit Fix this bit to “0”. 0 : Interrupt disabled 1 : Interrupt enabled 0 : Interrupt disabled 1 : Interrupt enabled 0 : Interrupt disabled 1 : Interrupt enabled 0 : Interrupt disabled 1 : Interrupt enabled 0 : Interrupt disabled 1 : Interrupt enabled Fix this bit to “0”. 0 : Interrupt disabled 1 : Interrupt enabled 0 0 b7 b6 b5 b4 b3 b2 b1 b0 RW 0 0 2 0 3 0 4 0 5 0 6 0 7 0 1 0 USB bus reset interrupt enable bit Interrupt control register 1 (ICON1) [Address : 3E16] B Function At reset Name Interrupt control register 1 USB SOF interrupt enable bit USB device interrupt enable bit EXB interrupt enable bit INT0 interrupt enable bit Timer X interrupt enable bit Timer 1 interrupt enable bit Timer 2 interrupt enable bit 0 : Interrupt disabled 1 : Interrupt enabled 0 : Interrupt disabled 1 : Interrupt enabled 0 : Interrupt disabled 1 : Interrupt enabled 0 : Interrupt disabled 1 : Interrupt enabled 0 : Interrupt disabled 1 : Interrupt enabled 0 : Interrupt disabled 1 : Interrupt enabled 0 : Interrupt disabled 1 : Interrupt enabled 0 : Interrupt disabled 1 : Interrupt enabled Fig. 3.4.65 Structure of Interrupt control register 2 |