| 전자부품 데이터시트 검색엔진 |
|
TAS5701PAP 데이터시트(PDF) 13 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TAS5701PAP 데이터시트(HTML) 13 Page - Texas Instruments |
|
13 / 26 page ![]() BACK-END ERROR (BKND_ERR) BKND_ERR VALID t w(ER) t p(valid_high) t p(valid_low) Normal Operation Normal Operation T0031-04 MUTE TIMING (MUTE) t d(VOL) VOLUME MUTE Normal Operation Normal Operation t d(VOL) 50-50 DutyCycle T0032-03 TAS5701 www.ti.com ...................................................................................................................................................................................................... SLOS559 – JUNE 2008 Control signal parameters over recommended operating conditions (unless otherwise noted) PARAMETER MIN TYP MAX UNIT tw(ER) Pulse duration, BKND_ERR active (active-low) 350 ns tp(valid_high) Time to stay in the OUT_x low state. After tp(valid_high), the TAS5701 attempts to bring 300 ms the system out of the OUT_x low state if BKND_ERR is high. tp(valid_low) Time TAS5701 takes to bring OUT_x low after BKND_ERR assertion. 350 ns Figure 7. Error Recovery Timing Control signal parameters over recommended operating conditions (unless otherwise noted) PARAMETER MIN TYP MAX UNIT td(VOL) Volume ramp time. Ramp time = Number of steps × stepsize(1) 1024 steps (1) Stepsize = 4 LRCLKs (for 32–48 kHz sample rate); 8 LRCLKs (for 88.2–96 kHz sample rate); 16 LRCLKs (for 176.4–192 kHz sample rate) Figure 8. Mute Timing Copyright © 2008, Texas Instruments Incorporated Submit Documentation Feedback 13 Product Folder Link(s): TAS5701 |