전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TAS5103DAPR 데이터시트(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
부품명 TAS5103DAPR
상세설명  20-W/15-W STEREO DIGITAL AMPLIFIER POWER STAGE
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TAS5103DAPR 데이터시트(HTML) 14 Page - Texas Instruments

Back Button TAS5103DAPR Datasheet HTML 10Page - Texas Instruments TAS5103DAPR Datasheet HTML 11Page - Texas Instruments TAS5103DAPR Datasheet HTML 12Page - Texas Instruments TAS5103DAPR Datasheet HTML 13Page - Texas Instruments TAS5103DAPR Datasheet HTML 14Page - Texas Instruments TAS5103DAPR Datasheet HTML 15Page - Texas Instruments TAS5103DAPR Datasheet HTML 16Page - Texas Instruments TAS5103DAPR Datasheet HTML 17Page - Texas Instruments TAS5103DAPR Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
PO − Total Output Power − W
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0.0
5.0
10.0 15.0 20.0 25.0 30.0 35.0 40.0 45.0
G015
f = 1 kHz
RL = 4 Ω (SE)
Gain = 3 dB
VCC = 8 V
VCC = 12 V
VCC = 18 V
VCC − Supply Voltage − V
−100.0
−80.0
−60.0
−40.0
−20.0
0.0
5.0
10.0
15.0
20.0
25.0
G016
f = 1 kHz
RL = 4 Ω (SE)
Gain = 3 dB
−80
−70
−60
−50
−40
−30
−20
−10
0
f − Frequency − Hz
G018
20
100
1k
10k
20k
Left to Right
Right to Left
RL = 4 Ω (SE)
PO = 0.25 W
Gain = 3 dB
VCC = 18 V
TAS5102
TAS5103
SLLS801A – JUNE 2008 – REVISED JUNE 2008 .............................................................................................................................................................. www.ti.com
TYPICAL CHARACTERISTICS (continued)
SUPPLY CURRENT
A-WEIGHTED NOISE
vs
vs
TOTAL OUTPUT POWER
SUPPLY VOLTAGE
Figure 15.
Figure 16.
CROSSTALK
vs
FREQUENCY
Figure 17.
14
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TAS5102 TAS5103



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com