| 전자부품 데이터시트 검색엔진 |
|
M38041F2SP 데이터시트(PDF) 73 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M38041F2SP 데이터시트(HTML) 73 Page - Renesas Technology Corp |
|
73 / 387 page ![]() 1-55 REJ09B0212-0100Z Rev.1.00 Jan 14, 2005 3804 Group (Spec.H) HARDWARE FUNCTIONAL DESCRIPTION Fig. 47 Structure of PWM control register Fig. 48 PWM output timing when PWM register or PWM prescaler is changed PWM control register (PWMCON : address 002B16) PWM function enable bit Count source selection bit Not used (return “0” when read) b7 b0 0: PWM disabled 1: PWM enabled 0: f(XIN) 1: f(XIN)/2 A B C B T C T2 = PWM output PWM register write signal PWM prescaler write signal (Changes “H” term from “A” to “B”.) (Changes PWM period from “T” to “T2”.) When the contents of the PWM register or PWM prescaler have changed, the PWM output will change from the next period after the change. T T T2 |