| 전자부품 데이터시트 검색엔진 |
|
T830-600W 데이터시트(PDF) 4 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
T830-600W 데이터시트(HTML) 4 Page - STMicroelectronics |
|
4 / 5 page ![]() I (A). I2 t(A2s) TSM 110 1 10 100 1000 Tj initial = 25 C o ITSM tp(ms) I 2 t Fig.7 : Non repetitive surge peak on-state current for a sinusoidal pulse with width : tp ≤ 10ms, and corresponding value of I 2t. 00.5 1 1.5 22.5 33.5 44.5 55.5 6 0.1 1 10 100 1000 I (A) TM Tj ini tial 25 C o Tj max Tj max Vto =0. 9V Rt =0. 048 V (V) TM Fig.8 : On-state characteristics (maximum values). ® T820W / 830W 4/5 |