전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STL60NH3LL 데이터시트(PDF) 10 Page - STMicroelectronics

부품명 STL60NH3LL
상세설명  N-channel 30 V - 0.0065 Ω - 30 A - PowerFLAT??(6x5) ultra low gate charge STripFET™Power MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL60NH3LL 데이터시트(HTML) 10 Page - STMicroelectronics

Back Button STL60NH3LL_07 Datasheet HTML 5Page - STMicroelectronics STL60NH3LL_07 Datasheet HTML 6Page - STMicroelectronics STL60NH3LL_07 Datasheet HTML 7Page - STMicroelectronics STL60NH3LL_07 Datasheet HTML 8Page - STMicroelectronics STL60NH3LL_07 Datasheet HTML 9Page - STMicroelectronics STL60NH3LL_07 Datasheet HTML 10Page - STMicroelectronics STL60NH3LL_07 Datasheet HTML 11Page - STMicroelectronics STL60NH3LL_07 Datasheet HTML 12Page - STMicroelectronics STL60NH3LL_07 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Package mechanical data
STL60NH3LL
10/13
4
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a lead-free second level interconnect. The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com