| 전자부품 데이터시트 검색엔진 |
|
M38042FDHKP 데이터시트(PDF) 200 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M38042FDHKP 데이터시트(HTML) 200 Page - Renesas Technology Corp |
|
200 / 387 page ![]() 2-76 APPLICATION 2.4 Serial interface Rev.1.00 Jan 14, 2005 REJ09B0212-0100Z 3804 Group (Spec.H) BRG count source BRG setting value Transfer bit rate (bps) (Note 2) (Note 1) at f(XIN) = 4.9152 MHZ at f(XIN) = 16 MHZ f(XIN)/4 255(FF16) 300 976.5625 f(XIN)/4 127(7F16) 600 1953.125 f(XIN)/4 63(3F16) 1200 3906.25 f(XIN)/4 31(1F16) 2400 7812.5 f(XIN)/4 15(0F16) 4800 15625 f(XIN)/4 7(0716) 9600 31250 f(XIN)/4 3(0316) 19200 62500 f(XIN)/4 1(0116) 38400 125000 f(XIN) 3(0316) 76800 250000 f(XIN) 1(0116) 153600 500000 f(XIN) 0(0016) 307200 1000000 Notes 1: Select the BRG count source with bit 0 of the serial I/O1 control register (Address : 001A16). 2: Equation of transfer bit rate: ✽m: When bit 0 of the serial I/O1 control register (Address : 001A16) is set to “0,” a value of m is 1. When bit 0 of the serial I/O1 control register (Address : 001A16) is set to “1,” a value of m is 4. Table 2.4.4 shows setting examples of the baud rate generator (BRG) values and transfer bit rate values; Figure 2.4.40 shows registers setting relevant to the transmitting side; Figure 2.4.41 shows registers setting relevant to the receiving side. Table 2.4.4 Setting examples of Baud rate generator (BRG) values and transfer bit rate values Transfer bit rate (bps) = (BRG setting value + 1) ✕ 16 ✕ m✽ f(XIN) |