전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

EC4405C 데이터시트(PDF) 2 Page - Sanyo Semicon Device

부품명 EC4405C
상세설명  N-Channel Silicon MOSFET General-Purpose Switching Device Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

EC4405C 데이터시트(HTML) 2 Page - Sanyo Semicon Device

  EC4405C Datasheet HTML 1Page - Sanyo Semicon Device EC4405C Datasheet HTML 2Page - Sanyo Semicon Device EC4405C Datasheet HTML 3Page - Sanyo Semicon Device EC4405C Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
EC4405C
No. A1016-2/4
Continued from preceding page.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Turn-ON Delay Time
td(on)
See specified Test Circuit.
14
ns
Rise Time
tr
See specified Test Circuit.
17.5
ns
Turn-OFF Delay Time
td(off)
See specified Test Circuit.
65
ns
Fall Time
tf
See specified Test Circuit.
41
ns
Total Gate Charge
Qg
VDS=10V, VGS=10V, ID=300mA
1.68
nC
Gate-to-Source Charge
Qgs
VDS=10V, VGS=10V, ID=300mA
0.54
nC
Gate-to-Drain “Miller” Charge
Qgd
VDS=10V, VGS=10V, ID=300mA
0.12
nC
Diode Forward Voltage
VSD
IS=300mA, VGS=0V
0.86
1.2
V
Package Dimensions
Type No. Indication
Electrical Connection
unit : mm (typ)
7036-001
Switching Time Test Circuit
2
4
1
3
3
1
4
2
0.5
0.2
0.8
Top View
Bottom View
Polarity Discriminating Mark
1 : Gate
2 : Source
3 : Drain
4 : Drain
SANYO : ECSP1008-4
PW=10μs
D.C.≤1%
P.G
50Ω
G
S
D
ID=300mA
RL=50Ω
VDD=15V
VOUT
EC4405C
VIN
10V
0V
VIN
Rg
Rg=1.2kΩ
Polarity mark (Top)
Gate
Source
Source
Gate
Drain
Drain
*Electrodes : on the bottom
Polarity mark (Top)
Top view
AM
Top view



Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com