| 전자부품 데이터시트 검색엔진 |
|
TDA7429L 데이터시트(PDF) 7 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TDA7429L 데이터시트(HTML) 7 Page - STMicroelectronics |
|
7 / 16 page ![]() 7/16 TDA7429L Figure 6. Acknowledge on the I2C bus 2.0 SOFTWARE SPECIFICATION 2.1 Interface Protocol The interface protocol comprises: s A start condition (S) s A chip address byte, containing the TDA7429L address s A subaddress bytes s A sequence of data (N byte + achnowledge) s A stop condition (P) 3.0 EXAMPLES 3.1 No Incremental Bus The TDA7429L receives a start condition, the correct chip address, a subaddress with the MSB = 0 (no incre- mental bus), N-datas (all these datas concern the subaddress selected), a stop condition. 3.2 Incremental Bus The TDA7429L receives a start condition, the correct chip address, a subaddress with the MSB = 1 (incremental bus): now it is in a loop condition with an autoincrease of the subaddress whereas SUBADDRESS from ”1XXX1010” to ”1XXX1111” of DATA are ignored.The DATA 1 concern thesubaddress sent, and the DATA 2 concern the subaddress sent plus one in the loop etc, and at the end it receivers the stop condition. SCL 1 MSB 237 89 SDA START ACKNOWLEDGMENT FROM RECEIVER D99AU1033 ACK = Acknowledge S = Start P = Stop A = Address B = Auto Increment S 1 0 0 0 0 0 A 0 ACK ACK DATA ACK P MSB LSB MSB LSB MSB LSB CHIP ADDRESS D95AU226A B DATA SUBADDRESS DATA 1 to DATA n S 1 0 0 0 0 0 A 0 ACK ACK DATA ACK P MSB LSB MSB LSB MSB LSB CHIP ADDRESS D95AU306 0D3 SUBADDRESS DATA XX X D2 D1 D0 S 1 0 0 0 0 0 A 0 ACK ACK DATA ACK P MSB LSB MSB LSB MSB LSB CHIP ADDRESS D95AU307 1D3 SUBADDRESS DATA 1 to DATA n XX X D2 D1 D0 |