| 전자부품 데이터시트 검색엔진 |
|
TDA7429S 데이터시트(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TDA7429S 데이터시트(HTML) 12 Page - STMicroelectronics |
|
12 / 20 page ![]() MSB LSB D7 D6 D5 D4 D3 D2 D1 D0 SURROUND MODE X 0 0 SIMULATED X 0 1 MUSIC X 1 0 OFF X 1 1 MOVIE OUT X 0 VAR X 1 FIX EFFECT CONTROL X 0000 -6 X 0001 -7 X 0010 -8 X 0011 -9 X 0100 -10 X 0101 -11 X 0110 -12 X 0111 -13 X 1000 -14 X 1001 -15 X 1010 -16 X 1011 -17 X 1100 -18 X 1101 -19 X 1110 -20 X 1111 -21 PHASE RESISTOR SELECTION MSB LSB SURROUND PHASE RESISTOR D7 D6 D5 D4 D3 D2 D1 D0 PHASE SHIFT 1 (K Ω) 00 12 01 14 10 18 11 37 PHASE SHIFT 2 (K Ω) 00 6 01 7 10 8 11 18 PHASE SHIFT 3 (K Ω) 00 12 01 14 10 18 11 39 PHASE SHIFT 4 (K Ω) 00 12 01 14 10 18 11 39 SURROUND SELECTION TDA7429S - TDA7429T 12/20 |