전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA7434 데이터시트(PDF) 9 Page - STMicroelectronics

부품명 TDA7434
상세설명  BASIC FUNCTION AUDIO PROCESSOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7434 데이터시트(HTML) 9 Page - STMicroelectronics

Back Button TDA7434 Datasheet HTML 2Page - STMicroelectronics TDA7434 Datasheet HTML 3Page - STMicroelectronics TDA7434 Datasheet HTML 4Page - STMicroelectronics TDA7434 Datasheet HTML 5Page - STMicroelectronics TDA7434 Datasheet HTML 6Page - STMicroelectronics TDA7434 Datasheet HTML 7Page - STMicroelectronics TDA7434 Datasheet HTML 8Page - STMicroelectronics TDA7434 Datasheet HTML 9Page - STMicroelectronics TDA7434 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Stand-off
Be
B1
D
13
12
24
1
e1
c
E1
E
e2
Gage Plane
.015
0,38
e2
e3
E
SDIP24
SDIP24 PACKAGE MECHANICAL DATA
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
5.08
0.20
A1
0.51
0.020
A2
3.05
3.30
4.57
0.120
0.130
0.180
B
0.36
0.46
0.56
0.0142
0.0181
0.0220
B1
0.76
1.02
1.14
0.030
0.040
0.045
c
0.23
0.25
0.38
0.0090
0.0098
0.0150
D
22.61
22.86
23.11
0.890
0.90
0.910
E
7.62
8.64
0.30
0.340
E1
6.10
6.40
6.86
0.240
0.252
0.270
e
1.778
0.070
e1
7.62
0.30
e2
10.92
0.430
e3
1.52
0.060
L
2.54
3.30
3.81
0.10
0.130
0.150
TDA7434
9/10



Html Pages

1 2 3 4 5 6 7 8 9 10