| 전자부품 데이터시트 검색엔진 |
|
FSP3602 데이터시트(PDF) 2 Page - FOSLINK SEMICONDUCTOR CO.,LTD |
|
|
|||||||||||||||||||||||||||||
FSP3602 데이터시트(HTML) 2 Page - FOSLINK SEMICONDUCTOR CO.,LTD |
|
2 / 5 page ![]() SYNCHRONOUS BOOST DC/DC CONVERTER 2007-12-31 2/5 FSP3602 BLOCK DIAGRAM ABSOLUTE MAXIMUM RATINGS Parameter Rating Unit Power Dissipation Internally limited W VIN 0.6 ~ 4.4 V VOUT 2.5 ~ 5 V VSW 0.6 ~ 5 V VEN 1.0 ~ 4.4 V Operating Temperature Range - 30 ~ +85 ℃ Lead Temperature (Soldering 10 sec.) + 300 ℃ Storage Temperature Range - 65 ~ +125 ℃ |