| 전자부품 데이터시트 검색엔진 |
|
TDA8173 데이터시트(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TDA8173 데이터시트(HTML) 1 Page - STMicroelectronics |
|
1 / 4 page ![]() TDA8173 TV VERTICAL DEFLECTION OUTPUT CIRCUIT May 1993 DIP16 (Plastic Package) ORDER CODE : TDA8173 1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9 INVERTING INPUT N.C. FLYBACK SENSE OUTPUT SUPPLY OUTPUT REFERENCE VOLTAGE N.C. GND VS1 PIN CONNECTIONS (top view) . POWER AMPLIFIER . FLYBACK GENERATOR . THERMAL PROTECTION . REFERENCE VOLTAGE DESCRIPTION The TDA8173 is a monolithic integrated circuit in POWERDIP package. It is a high efficiency power booster for direct driving of vertical windings of TV yokes. It is intended for use in Color and B & W television sets as well as in monitors, and displays. 1/4 |
유사한 부품 번호 - TDA8173 |
|
유사한 설명 - TDA8173 |