전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M51952AL/BL 데이터시트(PDF) 3 Page - Renesas Technology Corp

부품명 M51952AL/BL
상세설명  Voltage Detecting, System Resetting IC Series
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M51952AL/BL 데이터시트(HTML) 3 Page - Renesas Technology Corp

  M51952AL/BL Datasheet HTML 1Page - Renesas Technology Corp M51952AL/BL Datasheet HTML 2Page - Renesas Technology Corp M51952AL/BL Datasheet HTML 3Page - Renesas Technology Corp M51952AL/BL Datasheet HTML 4Page - Renesas Technology Corp M51952AL/BL Datasheet HTML 5Page - Renesas Technology Corp M51952AL/BL Datasheet HTML 6Page - Renesas Technology Corp M51952AL/BL Datasheet HTML 7Page - Renesas Technology Corp M51952AL/BL Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
M51951A,B/M51952A,B
REJ03D0775-0400 Rev.4.00 Sep 18, 2007
Page 3 of 7
Absolute Maximum Ratings
(Ta = 25°C, unless otherwise noted)
Item
Symbol
Ratings
Unit
Conditions
Supply voltage
VCC
18
V
Output sink current
Isink
6
mA
VCC
Type A (output with constant current load)
Output voltage
VO
18
V
Type B (open collector output)
450
5-pin SIP
700
3-pin SIP
Power dissipation
Pd
500
mW
3-pin SOP
4.5
5-pin SIP
7
3-pin SIP
Thermal derating
K
θ
5
mW/°C
Ta
≥ 25°C
3-pin SOP
Operating temperature
Topr
–30 to +85
°C
Storage temperature
Tstg
–40 to +125
°C
Electrical Characteristics
(Ta = 25°C, unless otherwise noted)
• “L” reset type M51951A, M51951B
• “H” reset type M51952A, M51952B
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Detecting voltage
VS
4.05
4.25
4.45
V
Hysteresis voltage
∆V
S
30
50
80
mV
Detecting voltage
temperature coefficient
VS/∆T
—
0.01
—
%/°C
—
450
680
Type A, VCC = 5V
Circuit current
ICC
—
420
630
µA
Type B, VCC = 5V
Delay time
tpd
80
200
500
µs
—
0.2
0.4
L reset type, VCC = 4V, Isink = 4mA
Output saturation
voltage
Vsat
—
0.2
0.4
V
H reset type, VCC = 5V, Isink = 4mA
—
0.67
0.8
RL = 2.2kΩ, Vsat ≤ 0.4V
Threshold operating
voltage
VOPL
—
0.55
0.7
V
L reset type minimum supply
voltage for IC operation
RL = 100kΩ, Vsat ≤ 0.4V
Output leakage
current
IOH
—
—
30
nA
Type B
Output load current
IOC
–40
–25
–17
µA
Type A, VCC = 5V, VO = 1/2 × VCC
Output high voltage
VOH
VCC–0.2
VCC–0.06
—
V
Type A



Html Pages

1 2 3 4 5 6 7 8