전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M51951AML/BML 데이터시트(PDF) 6 Page - Renesas Technology Corp

부품명 M51951AML/BML
상세설명  Voltage Detecting, System Resetting IC Series
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M51951AML/BML 데이터시트(HTML) 6 Page - Renesas Technology Corp

  M51951AML/BML Datasheet HTML 1Page - Renesas Technology Corp M51951AML/BML Datasheet HTML 2Page - Renesas Technology Corp M51951AML/BML Datasheet HTML 3Page - Renesas Technology Corp M51951AML/BML Datasheet HTML 4Page - Renesas Technology Corp M51951AML/BML Datasheet HTML 5Page - Renesas Technology Corp M51951AML/BML Datasheet HTML 6Page - Renesas Technology Corp M51951AML/BML Datasheet HTML 7Page - Renesas Technology Corp M51951AML/BML Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
M51951A,B/M51952A,B
REJ03D0775-0400 Rev.4.00 Sep 18, 2007
Page 6 of 7
Package Dimensions
SIP5-P-240-2.54
Weight(g)
–
JEDEC Code
EIAJ Package Code
Lead Material
Cu Alloy
0.22
5P5T
Plastic 5pin 240mil SIP
–
–
–
–
–
4.0
–
11.9
11.5
Symbol
Min
Nom
Max
A
A2
b1
b
b2
c
D
E
E1
L
Dimension in Millimeters
A1
3.0
2.54
0.8
0.7
0.6
2.17
1.97
1.77
11.7
0.34
0.27
0.22
1.15
0.85
0.75
1.5
1.2
1.1
0.6
0.5
0.4
1.4
6.1
e
–
–
–
–
D
E
E1
c
b2
b1
b
e
SEATING PLANE
1
5
SC-62
0.48g
MASS[Typ.]
PLZZ0004CB-A
RENESAS Code
JEITA Package Code
Previous Code
Unit: mm
4.6Max
0.48Max
0.58Max
3.0
1.5
1.6 ± 0.2
1.5 ± 0.1
0.4
+0.03
–0.05
Package Name
SOT-89



Html Pages

1 2 3 4 5 6 7 8