전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M51952ASL/BSL 데이터시트(PDF) 4 Page - Renesas Technology Corp

부품명 M51952ASL/BSL
상세설명  Voltage Detecting, System Resetting IC Series
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M51952ASL/BSL 데이터시트(HTML) 4 Page - Renesas Technology Corp

  M51952ASL/BSL Datasheet HTML 1Page - Renesas Technology Corp M51952ASL/BSL Datasheet HTML 2Page - Renesas Technology Corp M51952ASL/BSL Datasheet HTML 3Page - Renesas Technology Corp M51952ASL/BSL Datasheet HTML 4Page - Renesas Technology Corp M51952ASL/BSL Datasheet HTML 5Page - Renesas Technology Corp M51952ASL/BSL Datasheet HTML 6Page - Renesas Technology Corp M51952ASL/BSL Datasheet HTML 7Page - Renesas Technology Corp M51952ASL/BSL Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
M51951A,B/M51952A,B
REJ03D0775-0400 Rev.4.00 Sep 18, 2007
Page 4 of 7
Typical Characteristics
Ambient Temperature Ta (°C)
1000
0
0
25
50
75
100
125
200
400
600
800
Ambient Temperature Ta (°C)
4.34
4.22
–40
0
–20
20
40
80
60
100
4.24
4.26
4.28
4.30
4.32
VSH
VSL
Ambient Temperature Ta (°C)
–40
0
–20
20
40
80
60
100
Output Saturation Voltage vs. Output Sink Current
Output Sink Current Isink (mA)
0.3
0
02
1
3
456
0.1
0.2
Supply Voltage VCC (V)
1.0
0
0
0.2
0.40.6
0.81.0
0.2
0.4
0.6
0.8
Ta = 25°C
RL = 2.2kΩ
RL = 22kΩ
RL = 100kΩ
VCC = 5V
VCC = 15V
VCC = 10V
Output Voltage VO (V)
0
0
4
8
12
16
–10
–20
–30
–40
350
0
150
100
50
250
200
300
VCC = 5V
10V
VCC = 15V
Thermal Derating
(Maximum Rating)
Detection Voltage vs. Ambient Temperature
(Supply voltage detection series)
Threshold Operating Voltage
([L] reset type)
Delay Time vs. Ambient Temperature
(M5195xx, Built-in capacitor type)
Supply voltage detecting "L" reset type
: VCC = 4V
Except above mentioned
: VCC = 5V
Output Load Current vs. Output Voltage
(M5195xA)
3-pin SIP
3-pin SOP
5-pin SIP



Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com