전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA8204B 데이터시트(PDF) 12 Page - STMicroelectronics

부품명 TDA8204B
상세설명  NICAM DECODER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA8204B 데이터시트(HTML) 12 Page - STMicroelectronics

Back Button TDA8204B Datasheet HTML 4Page - STMicroelectronics TDA8204B Datasheet HTML 5Page - STMicroelectronics TDA8204B Datasheet HTML 6Page - STMicroelectronics TDA8204B Datasheet HTML 7Page - STMicroelectronics TDA8204B Datasheet HTML 8Page - STMicroelectronics TDA8204B Datasheet HTML 9Page - STMicroelectronics TDA8204B Datasheet HTML 10Page - STMicroelectronics TDA8204B Datasheet HTML 11Page - STMicroelectronics TDA8204B Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
1
21
e
D
E
Stand-off
b2
F
e4
42
22
b
e
b1
PACKAGE MECHANICAL DATA
42 PINS - PLASTIC SHRINK
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
3.30
0.130
a1
0.51
0.020
b
0.35
0.59
0.014
0.023
b1
0.20
0.36
0.008
0.014
b2
0.75
1.42
0.030
0.056
b3
0.75
0.030
D
39.12
1.540
E
15.57
17.35
0.613
0.683
e
1.778
0.070
e3
35.56
1.400
e4
15.24
0.600
F
14.48
0.570
i
5.08
0.200
L
2.54
0.100
Information furnished is believed to be accurate and reliable. However, SGS-THOMSON Microelectronics assumes no responsibil-
ity for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may
result from its use. No licence is granted by implication or otherwise under any patent or patent rights of SGS-THOMSON Micro-
electronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and
replaces all information previously supplied. SGS-THOMSON Microelectronics products are not authorized for use as critical com-
ponents in life support devices or systems without express written approval of SGS-THOMSON Microelectronics.
© 1994 SGS-THOMSON Microelectronics - All Rights Reserved
Purchase of I
2C Components of SGS-THOMSON Microelectronics, conveys a license under the Philips
I
2C Patent. Rights to use these components in a I2C system, is granted provided that the system conforms to
the I
2C Standard Specifications as defined by Philips.
SGS-THOMSON Microelectronics GROUP OF COMPANIES
Australia - Brazil - China - France - Germany - Hong Kong - Italy - Japan - Korea - Malaysia - Malta - Morocco
The Netherlands - Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A.
TDA8204B
12/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12