전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA9109A 데이터시트(PDF) 14 Page - STMicroelectronics

부품명 TDA9109A
상세설명  LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9109A 데이터시트(HTML) 14 Page - STMicroelectronics

Back Button TDA9109A Datasheet HTML 10Page - STMicroelectronics TDA9109A Datasheet HTML 11Page - STMicroelectronics TDA9109A Datasheet HTML 12Page - STMicroelectronics TDA9109A Datasheet HTML 13Page - STMicroelectronics TDA9109A Datasheet HTML 14Page - STMicroelectronics TDA9109A Datasheet HTML 15Page - STMicroelectronics TDA9109A Datasheet HTML 16Page - STMicroelectronics TDA9109A Datasheet HTML 17Page - STMicroelectronics TDA9109A Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 47 page
background image
TDA9109A
14/47
Note: 10 These parameters are not tested on each unit. They are measured during our internal qualification procedure.
Note: 11 With Register 07 at Byte 0xxxxxxx (S correction is inhibited) and Register 08 at Byte 0xxxxxxx (C correction
is inhibited), the vertical sawtooth has a linear shape.
Note: 12 This is the frequency range for which the vertical oscillator will automatically synchronize, using a single
capacitor value on Pin22 and Pin 20, and with a constant ramp amplitude.
Note: 13 TV is the vertical period.
Note: 14 When not used, the DC breathing control pin must be connected to 12V.
BREATHING COMPENSATION
BRRANG
DC Breathing Voltage Range
(See 14)
V18
112
V
BRADj
Vertical Output Variation versus DC
Breathing Control (Pin 23)
V18 >VREF-V
1V<V18< VREF-V
0
-2.5
%/V
%/V
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com