전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA9109S 데이터시트(PDF) 12 Page - STMicroelectronics

부품명 TDA9109S
상세설명  LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9109S 데이터시트(HTML) 12 Page - STMicroelectronics

Back Button TDA9109S Datasheet HTML 8Page - STMicroelectronics TDA9109S Datasheet HTML 9Page - STMicroelectronics TDA9109S Datasheet HTML 10Page - STMicroelectronics TDA9109S Datasheet HTML 11Page - STMicroelectronics TDA9109S Datasheet HTML 12Page - STMicroelectronics TDA9109S Datasheet HTML 13Page - STMicroelectronics TDA9109S Datasheet HTML 14Page - STMicroelectronics TDA9109S Datasheet HTML 15Page - STMicroelectronics TDA9109S Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
TYPICAL VERTICAL OUTPUT WAVEFORMS
Function
Sub
Address
Pin
Byte
Specification
Effect on Screen
Vertical Size
05
23
10000000
11111111
Vertical
Position
DC
Control
06
23
x0000000
x1000000
x1111111
VOUTDC = 3.2V
VOUTDC = 3.5V
VOUTDC = 3.8V
Vertical
S
Linearity
07
23
0xxxxxxx
Inhibited
1x111111
Vertical
C
Linearity
08
23
1x000000
1x111111
2.25V
3.75V
V
OUTDC
V
OUTDC
V
PP
D V
D V
V
PP
= 4%
V
PP
D V
D V
V
PP
= 3%
D V
V
PP
D V
V
PP
= 3%
TDA9109/S
12/30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com