전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SD2000C08L 데이터시트(PDF) 4 Page - Vishay Siliconix

부품명 SD2000C08L
상세설명  Standard Recovery Diodes (Hockey PUK Version), 2100 A
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SD2000C08L 데이터시트(HTML) 4 Page - Vishay Siliconix

  SD2000C08L Datasheet HTML 1Page - Vishay Siliconix SD2000C08L Datasheet HTML 2Page - Vishay Siliconix SD2000C08L Datasheet HTML 3Page - Vishay Siliconix SD2000C08L Datasheet HTML 4Page - Vishay Siliconix SD2000C08L Datasheet HTML 5Page - Vishay Siliconix SD2000C08L Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 93540
4
Revision: 14-May-08
SD2000C..L Series
Vishay High Power Products Standard Recovery Diodes
(Hockey PUK Version),
2100 A
Fig. 7 - Maximum Non-Repetitive Surge Current
Single and Double Side Cooled
Fig. 8 - Maximum Non-Repetitive Surge Current
Single and Double Side Cooled
Fig. 9 - Forward Voltage Drop Characteristics
Fig. 10 - Thermal Impedance ZthJ-hs Characteristics
5000
1000 0
1500 0
2000 0
2500 0
0
0
1
0
1
1
Nu m b er O f E q ua l A m p litud e H a lf C y cle C urrent P uls es (N )
SD200 0C..L Series
Initial T = 180 °C
@ 60 Hz 0.0083 s
@ 50 Hz 0.0100 s
J
At Any Rated Load Cond ition An d W ith
Rated V
Applied Following Surge.
RRM
5000
10000
15000
20000
25000
30000
0.01
0.1
1
Pulse Train Duration (s)
SD 2000C..L Series
In itial T = 18 0 °C
No V oltage Reapplied
Rated V
Reapplied
RRM
J
Versus Pulse Tr ain Duration.
M aximum Non Repet itive Surge Current
100
10 0 0
10 0 0 0
1000 00
0 .51
1.52
2 .533 .5
T = 2 5°C
J
In stantaneous Forward V oltage (V )
SD2 000 C..L Series
T = 180°C
J
0. 0 0 1
0. 0 1
0. 1
0 . 0 0 1
0 .0 1
0 .1
1
1 0
1 0 0
Sq u are W a v e Pu lse D u ra tio n ( s)
SD 2000C .. L Se ries
S tead y St a te V alu e
R
= 0 .0 7 3 K /W
( S in g le Side C o o le d)
R
= 0 .0 3 1 K /W
( D oub le S id e C o ole d )
(D C O p e ra t io n )
th J-h s
th J-h s



Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com