전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDF1747DP 데이터시트(PDF) 9 Page - STMicroelectronics

부품명 TDF1747DP
상세설명  INTERFACE CIRCUIT - RELAY AND LAMP - DRIVER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDF1747DP 데이터시트(HTML) 9 Page - STMicroelectronics

Back Button TDF1747DP Datasheet HTML 3Page - STMicroelectronics TDF1747DP Datasheet HTML 4Page - STMicroelectronics TDF1747DP Datasheet HTML 5Page - STMicroelectronics TDF1747DP Datasheet HTML 6Page - STMicroelectronics TDF1747DP Datasheet HTML 7Page - STMicroelectronics TDF1747DP Datasheet HTML 8Page - STMicroelectronics TDF1747DP Datasheet HTML 9Page - STMicroelectronics TDF1747DP Datasheet HTML 10Page - STMicroelectronics TDF1747DP Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
SO14 PACKAGE MECHANICAL DATA
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
1.75
0.069
a1
0.1
0.25
0.004
0.009
a2
1.6
0.063
b
0.35
0.46
0.014
0.018
b1
0.19
0.25
0.007
0.010
C
0.5
0.020
c1
45 (typ.)
D
8.55
8.75
0.336
0.344
E
5.8
6.2
0.228
0.244
e
1.27
0.050
e3
7.62
0.300
F
3.8
4.0
0.15
0.157
L
0.4
1.27
0.016
0.050
M
0.68
0.027
S
8 (max.)
TDE1747 - TDF1747
9/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11