전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDF1779A 데이터시트(PDF) 8 Page - STMicroelectronics

부품명 TDF1779A
상세설명  DUAL 2-A SOURCE DRIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDF1779A 데이터시트(HTML) 8 Page - STMicroelectronics

  TDF1779A Datasheet HTML 1Page - STMicroelectronics TDF1779A Datasheet HTML 2Page - STMicroelectronics TDF1779A Datasheet HTML 3Page - STMicroelectronics TDF1779A Datasheet HTML 4Page - STMicroelectronics TDF1779A Datasheet HTML 5Page - STMicroelectronics TDF1779A Datasheet HTML 6Page - STMicroelectronics TDF1779A Datasheet HTML 7Page - STMicroelectronics TDF1779A Datasheet HTML 8Page - STMicroelectronics TDF1779A Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
MULTIWATT11 PACKAGE MECHANICAL DATA
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
5
0.197
B
2.65
0.104
C
1.6
0.063
D
1
0.039
E
0.49
0.55
0.019
0.022
F
0.88
0.95
0.035
0.037
G
1.45
1.7
1.95
0.057
0.067
0.077
G1
16.75
17
17.25
0.659
0.669
0.679
H1
19.6
0.772
H2
20.2
0.795
L
21.9
22.2
22.5
0.862
0.874
0.886
L1
21.7
22.1
22.5
0.854
0.87
0.886
L2
17.4
18.1
0.685
0.713
L3
17.25
17.5
17.75
0.679
0.689
0.699
L4
10.3
10.7
10.9
0.406
0.421
0.429
L7
2.65
2.9
0.104
0.114
M
4.25
4.55
4.85
0.167
0.179
0.191
M1
4.73
5.08
5.43
0.186
0.200
0.214
S
1.9
2.6
0.075
0.102
S1
1.9
2.6
0.075
0.102
Dia1
3.65
3.85
0.144
0.152
TDF1779A
8/9



Html Pages

1 2 3 4 5 6 7 8 9