전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TEA3718SDP 데이터시트(PDF) 13 Page - STMicroelectronics

부품명 TEA3718SDP
상세설명  STEPPER MOTOR DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA3718SDP 데이터시트(HTML) 13 Page - STMicroelectronics

Back Button TEA3718SDP Datasheet HTML 8Page - STMicroelectronics TEA3718SDP Datasheet HTML 9Page - STMicroelectronics TEA3718SDP Datasheet HTML 10Page - STMicroelectronics TEA3718SDP Datasheet HTML 11Page - STMicroelectronics TEA3718SDP Datasheet HTML 12Page - STMicroelectronics TEA3718SDP Datasheet HTML 13Page - STMicroelectronics TEA3718SDP Datasheet HTML 14Page - STMicroelectronics TEA3718SDP Datasheet HTML 15Page - STMicroelectronics TEA3718SDP Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
MULTIWATT15 PACKAGE MECHANICAL DATA
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
5
0.197
B
2.65
0.104
C
1.6
0.063
D
1
0.039
E
0.49
0.55
0.019
0.022
F
0.66
0.75
0.026
0.030
G
1.02
1.27
1.52
0.040
0.050
0.060
G1
17.53
17.78
18.03
0.690
0.700
0.710
H1
19.6
0.772
H2
20.2
0.795
L
21.9
22.2
22.5
0.862
0.874
0.886
L1
21.7
22.1
22.5
0.854
0.870
0.886
L2
17.65
18.1
0.695
0.713
L3
17.25
17.5
17.75
0.679
0.689
0.699
L4
10.3
10.7
10.9
0.406
0.421
0.429
L7
2.65
2.9
0.104
0.114
M
4.25
4.55
4.85
0.167
0.179
0.191
M1
4.63
5.08
5.53
0.182
0.200
0.218
S
1.9
2.6
0.075
0.102
S1
1.9
2.6
0.075
0.102
Dia1
3.65
3.85
0.144
0.152
TEA3718-TEA3718S
13/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16