전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TEF3718 데이터시트(PDF) 6 Page - STMicroelectronics

부품명 TEF3718
상세설명  STEPPER MOTOR DRIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEF3718 데이터시트(HTML) 6 Page - STMicroelectronics

  TEF3718 Datasheet HTML 1Page - STMicroelectronics TEF3718 Datasheet HTML 2Page - STMicroelectronics TEF3718 Datasheet HTML 3Page - STMicroelectronics TEF3718 Datasheet HTML 4Page - STMicroelectronics TEF3718 Datasheet HTML 5Page - STMicroelectronics TEF3718 Datasheet HTML 6Page - STMicroelectronics TEF3718 Datasheet HTML 7Page - STMicroelectronics TEF3718 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MULTIWATT15 PACKAGE MECHANICAL DATA
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
5
0.197
B
2.65
0.104
C
1.6
0.063
D
1
0.039
E
0.49
0.55
0.019
0.022
F
0.66
0.75
0.026
0.030
G
1.02
1.27
1.52
0.040
0.050
0.060
G1
17.53
17.78
18.03
0.690
0.700
0.710
H1
19.6
0.772
H2
20.2
0.795
L
21.9
22.2
22.5
0.862
0.874
0.886
L1
21.7
22.1
22.5
0.854
0.870
0.886
L2
17.65
18.1
0.695
0.713
L3
17.25
17.5
17.75
0.679
0.689
0.699
L4
10.3
10.7
10.9
0.406
0.421
0.429
L7
2.65
2.9
0.104
0.114
M
4.25
4.55
4.85
0.167
0.179
0.191
M1
4.63
5.08
5.53
0.182
0.200
0.218
S
1.9
2.6
0.075
0.102
S1
1.9
2.6
0.075
0.102
Dia1
3.65
3.85
0.144
0.152
TEF3718-TEF3718S
6/8



Html Pages

1 2 3 4 5 6 7 8