| 전자부품 데이터시트 검색엔진 |
|
THBT20011DRL 데이터시트(PDF) 3 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
THBT20011DRL 데이터시트(HTML) 3 Page - STMicroelectronics |
|
3 / 9 page ![]() THBTxxx11D 3/9 V I I H IBO V RM VBR BO V PP I R I Symbol Parameter VRM Stand-off voltage IRM Leakage current at stand-off voltage VR Continuous Reverse voltage VBR Breakdown voltage VBO Breakover voltage IH Holding current IBO Breakover current VF Forward voltage drop IPP Peak pulse current C Capacitance ELECTRICAL CHARACTERISTICS (Tamb = 25°C) Type IRM @VRM IR @VR VBO @IBO IH C max. max. note 1 max. note 2 min. max. min note 3 max note 4 µAV µA V V mAmAmA pF THBT15011D 5 135 50 150 210 50 400 150 80 THBT16011D 5 135 50 160 230 50 400 150 80 THBT20011D 5 180 50 200 290 50 400 150 80 THBT27011D 5 240 50 270 380 50 400 150 80 Note 1: IR mesuared at VR guarantees VBR >VR Note 2: Measured at 50 Hz (1 cycle) test circuit 1. Note 3: See the reference test circuit 2. Note 4: VR = 1V, F = 1MHz. STATIC PARAMETERS Type Symbol Test conditions (see note 5) Maximum Unit THBT15011D VBO 10/700 µs 1.5kV Rp=10 Ω IPP=30A 1.2/50 µs 1.5kV Rp=10 Ω IPP=30A 2/10 µs 2.5kV Rp=62 Ω IPP=38A 190 190 200 V THBT16011D VBO 10/700µs 1.5kV Rp=10 Ω IPP=30A 1.2/50 µs 1.5kV Rp=10 Ω IPP=30A 2/10 µs 2.5kV Rp=62 Ω IPP=38A 200 200 210 V THBT20011D VBO 10/700µs 1.5kV Rp=10 Ω IPP=30A 1.2/50 µs 1.5kV Rp=10 Ω IPP=30A 2/10 µs 2.5kV Rp=62 Ω IPP=38A 270 270 280 V THBT27011D VBO 10/700µs 1.5kV Rp=10 Ω IPP=30A 1.2/50 µs 1.5kV Rp=10 Ω IPP=30A 2/10 µs 2.5kV Rp=62 Ω IPP=38A 360 360 400 V Note 5 : See test circuit 3 for VBO dynamic parameters; Rp is the protection resistor located on the line card. DYNAMIC BREAKOVER VOLTAGES (Transversal mode) |