전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LTC2305CDEXPBF 데이터시트(PDF) 4 Page - Linear Technology

부품명 LTC2305CDEXPBF
상세설명  1-/2-Channel, 12-Bit ADCs with I2C Compatible Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LINER [Linear Technology]
홈페이지  http://www.linear.com
Logo LINER - Linear Technology

LTC2305CDEXPBF 데이터시트(HTML) 4 Page - Linear Technology

  LTC2305CDEXPBF Datasheet HTML 1Page - Linear Technology LTC2305CDEXPBF Datasheet HTML 2Page - Linear Technology LTC2305CDEXPBF Datasheet HTML 3Page - Linear Technology LTC2305CDEXPBF Datasheet HTML 4Page - Linear Technology LTC2305CDEXPBF Datasheet HTML 5Page - Linear Technology LTC2305CDEXPBF Datasheet HTML 6Page - Linear Technology LTC2305CDEXPBF Datasheet HTML 7Page - Linear Technology LTC2305CDEXPBF Datasheet HTML 8Page - Linear Technology LTC2305CDEXPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LTC2301/LTC2305
4
23015f
DYNAMIC ACCURACY
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SINAD
Signal-to-(Noise + Distortion) Ratio
fIN = 1kHz
l
71
73.4
dB
SNR
Signal-to-Noise Ratio
fIN = 1kHz
l
71
73.5
dB
THD
Total Harmonic Distortion
fIN = 1kHz
l
–91
–77
dB
SFDR
Spurious Free Dynamic Range
fIN = 1kHz, First 5 Harmonics
l
79
92
dB
Channel-to-Channel Isolation
fIN = 1kHz
–109
dB
Full Linear Bandwidth
fIN = 1kHz
700
kHz
–3dB Input Linear Bandwidth
(Note 10)
25
MHz
Aperture Delay
13
ns
Transient Response
Full-Scale Step
240
ns
The
l denotes the specifications which apply over the full operating temperature range,
otherwise specifications are at TA = 25°C and AIN = –1dBFS. (Notes 4,9)
INTERNAL REFERENCE CHARACTERISTICS
The
l denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C. (Notes 4)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VREF Output Voltage
IOUT = 0
l
2.46
2.50
2.54
V
VREF Output Tempco
IOUT = 0
±25
ppm/°C
VREF Output Impedance
–0.1mA ≤ IOUT ≤ 0.1mA
8
kΩ
VREFCOMP Output Voltage
IOUT = 0
4.096
V
VREF Line Regulation
VDD = 4.75V to 5.25V
0.8
mV/V
I2C INPUTS AND DIGITAL OUTPUTS
The
l denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C. (Notes 4)
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIH
High Level Input Voltage
l
2.85
V
VIL
Low Level Input Voltage
l
1.5
V
VIHA
High Level Input Voltage for Address Pins A1, A0
l
4.75
V
VILA
Low Level Input Voltage for Address Pins A1, A0
l
0.25
V
RINH
Resistance from A1, A0 to VDD to Set Chip
Address Bit to 1
l
10
kΩ
RINL
Resistance from A1, A0 to GND to Set Chip
Address Bit to 0
l
10
kΩ
RINF
Resistance from A1, A0 to GND or VDD to Set
Chip Address Bit to Float
l
2MΩ
II
Digital Input Current
VIN = VDD
l
–10
10
μA
VHYS
Hysteresis of Schmitt Trigger Inputs
(Note 8)
l
0.25
V
VOL
Low Level Output Voltage (SDA)
I = 3mA
l
0.4
V
tOF
Output Fall Time VIN(MIN) to VIL(MAX)
Bus Load CB 10pF to 400pF (Note 11)
l
20 + 0.1CB
250
ns
tSP
Input Spike Suppression
l
50
ns
CCAX
External Capacitance Load on Chip Address Pins
(A1, A0) for Valid Float
l
10
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24