| 전자부품 데이터시트 검색엔진 |
|
TLP140G 데이터시트(PDF) 9 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TLP140G 데이터시트(HTML) 9 Page - STMicroelectronics |
|
9 / 14 page ![]() PACKAGE MECHANICAL DATA I 2PAK Plastic REF. DIMENSIONS Millimeters Inches Min. Typ. Max. Min. Typ. Max. A 4.30 4.60 0.169 0.181 A1 2.49 2.69 0.098 0.106 B 0.70 0.93 0.028 0.037 B1 1.20 1.38 0.047 0.054 B2 1.25 1.40 0.049 0.055 C 0.45 0.60 0.018 0.024 C2 1.21 1.36 0.048 0.054 D 8.95 9.35 0.352 0.368 e 2.44 2.64 0.096 0.104 E 10.00 10.28 0.394 0.405 L 13.10 13.60 0.516 0.535 L1 3.48 3.78 0.137 0.149 L2 1.27 1.40 0.050 0.055 V5 ° 5 ° V4 45 ° 45 ° TLPxxM/G/G-1 9/14 |