| 전자부품 데이터시트 검색엔진 |
|
T97F227K020LAB 데이터시트(PDF) 3 Page - Vishay Siliconix |
|
|
|||||||||||||||||||||||||||||
T97F227K020LAB 데이터시트(HTML) 3 Page - Vishay Siliconix |
|
3 / 4 page ![]() T97 Vishay Sprague Solid Tantalum Chip Capacitors TANTAMOUNT® Hi-Rel COTS, Ultra-Low ESR, Conformal Coated Case www.vishay.com For technical questions, contact: tantalum@vishay.com Document Number: 40092 3 Revision: 05-Aug-08 TYPICAL CURVES 100 Hz 1 kHz 10 kHz 100 kHz 1 MHz 0.01 0.1 1 FREQUENCY ESR Z T97 1500 µF - 4 V 'R' CASE SIZE ESR and Z vs. FREQUENCY 0.01 0.1 1 FREQUENCY ESR Z 100 Hz 1 kHz 10 kHz 100 kHz 1 MHz T97 330 µF - 10 V 'E' CASE SIZE ESR and Z vs. FREQUENCY 0.01 0.1 1 ESR Z 100 Hz 1 kHz 10 kHz 100 kHz 1 MHz FREQUENCY T97 1000 µF - 4 V 'E' CASE SIZE ESR and Z vs. FREQUENCY 0.01 0.1 1 FREQUENCY ESR Z 100 Hz 1 kHz 10 kHz 100 kHz 1 MHz T97 1000 µF - 6.3 V 'R' CASE SIZE ESR and Z vs. FREQUENCY 100 Hz 1 kHz 10 kHz 100 kHz 1 MHz FREQUENCY ESR Z 0.01 0.1 1 10 T97 330 µF - 6.3 V 'V' CASE SIZE ESR and Z vs. FREQUENCY 0.01 0.1 1 FREQUENCY 100 Hz 1 kHz 10 kHz 100 kHz 1 MHz 10 ESR Z T97 470 µF - 4 V 'V' CASE SIZE ESR and Z vs. FREQUENCY |