전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD5522JSVUZ 데이터시트(PDF) 50 Page - Analog Devices

부품명 AD5522JSVUZ
상세설명  Quad Parametric Measurement Unit with Integrated 16-Bit Level Setting DACs
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD5522JSVUZ 데이터시트(HTML) 50 Page - Analog Devices

Back Button AD5522JSVUZ Datasheet HTML 46Page - Analog Devices AD5522JSVUZ Datasheet HTML 47Page - Analog Devices AD5522JSVUZ Datasheet HTML 48Page - Analog Devices AD5522JSVUZ Datasheet HTML 49Page - Analog Devices AD5522JSVUZ Datasheet HTML 50Page - Analog Devices AD5522JSVUZ Datasheet HTML 51Page - Analog Devices AD5522JSVUZ Datasheet HTML 52Page - Analog Devices AD5522JSVUZ Datasheet HTML 53Page - Analog Devices AD5522JSVUZ Datasheet HTML 54Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 60 page
background image
AD5522
Rev. A | Page 50 of 60
READ REGISTERS
Readback of all the registers in the device is possible via the SPI
and the LVDS interfaces. To read data from a register, it is first
necessary to write a readback command to tell the device which
register is required for readback. See Table 29 to address the
appropriate channel.
When the required channel is addressed, the device loads
the 24-bit readback data into the MSB positions of the 29-bit
serial shift register (the 5 LSBs are filled with zeros). SCLK
rising edges clock this readback data out on SDO (framed
by the SYNC signal).
A minimum of 24 clock rising edges is required to shift the
readback data out of the shift register. If writing a 24-bit word to
shift data out of the device, the user must ensure that the 24-bit
write is effectively an NOP (no operation) command. The last
five bits in the shift register are always 00000: these five bits
become the MSBs of the shift register when the 24-bit write is
loaded. To ensure that the device receives an NOP command as
described in Table 19, the recommended flush command is
0xFFFFFF; thus, no change is made to any register in the device.
Readback data can also be shifted out by writing another 29-bit
write or read command. If writing a 29-bit command, the read-
back data is MSB data available on SDO, followed by 00000.
Table 29. Read Functions of the AD5522
B28
B27
B26
B25
B24
B23
B22
B21 to B0
Selected Channel
RD/WR
PMU3
PMU2
PMU1
PMU0
MODE1
MODE0
Data bits
CH3
CH2
CH1
CH0
Read Functions
1
0
0
0
0
0
0
All zeros
Read from system control register
1
0
0
0
0
0
1
All zeros
Read from comparator status register
1
0
0
0
0
1
0
X
Reserved
1
0
0
0
0
1
1
All zeros
Read from alarm status register
Read Addressed PMU Register (Only One PMU Register Can Be Read at One Time)
1
0
0
0
1
0
0
All zeros
CH0
1
0
0
1
0
0
0
CH1
1
0
1
0
0
0
0
CH2
1
1
0
0
0
0
0
CH3
Read Addressed DAC M Register (Only One DAC Register Can Be Read at One Time)
1
0
0
0
1
0
1
DAC address
(see Table 28)
CH0
1
0
0
1
0
0
1
CH1
1
0
1
0
0
0
1
CH2
1
1
0
0
0
0
1
CH3
Read Addressed DAC C Register (Only One DAC Register Can Be Read at One Time)
1
0
0
0
1
1
0
DAC address
(see Table 28)
CH0
1
0
0
1
0
1
0
CH1
1
0
1
0
0
1
0
CH2
1
1
0
0
0
1
0
CH3
Read Addressed DAC X1 Register (Only One DAC Register Can Be Read at One Time)
1
0
0
0
1
1
1
DAC address
(see Table 28)
CH0
1
0
0
1
0
1
1
CH1
1
0
1
0
0
1
1
CH2
1
1
0
0
0
1
1
CH3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com