전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC13224VR2 데이터시트(PDF) 21 Page - Freescale Semiconductor, Inc

부품명 MC13224VR2
상세설명  Advanced ZigBee?? Compliant Platform-in-Package (PiP) for the 2.4 GHz IEEE짰 802.15.4 Standard
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC13224VR2 데이터시트(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button MC13224VR2 Datasheet HTML 17Page - Freescale Semiconductor, Inc MC13224VR2 Datasheet HTML 18Page - Freescale Semiconductor, Inc MC13224VR2 Datasheet HTML 19Page - Freescale Semiconductor, Inc MC13224VR2 Datasheet HTML 20Page - Freescale Semiconductor, Inc MC13224VR2 Datasheet HTML 21Page - Freescale Semiconductor, Inc MC13224VR2 Datasheet HTML 22Page - Freescale Semiconductor, Inc MC13224VR2 Datasheet HTML 23Page - Freescale Semiconductor, Inc MC13224VR2 Datasheet HTML 24Page - Freescale Semiconductor, Inc MC13224VR2 Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
MC13224V Product Preview, Rev. 1.0
Freescale Semiconductor
21
•
Normal mode — The simplest SSI mode transfers data in one time slot per frame
•
Network mode — Creates a Time Division Multiplexed (TDM) network, such as a TDM CODEC
network or a network of DSPs
•
Gated Clock mode — Connects to SPI-type interfaces on MCUs or external peripheral chips
With its multi-modes, the SSI can be programmed for two very useful functions:
•
A second SPI port augmenting the MC13224V SPI module
•I2S interface - the SSI is capable of generating the required clock frequencies and data format to
drive a serial stereo audio DAC
The SSI includes the following features:
•
Synchronous transmit and receive sections with shared internal/external clocks and frame syncs,
operating in Master or Slave mode.
•
Normal mode operation using frame sync
•
Network mode operation allowing multiple devices to share the port with as many as thirty-two
time slots
•
Gated Clock mode operation requiring no frame sync
•
SSI clock source is Peripheral Clock (typically 24 MHz); maximum SSI transfer rate is 6.0 MHz
•
Separate Transmit and Receive FIFOs. Each of which is 8x24 bits
•
Programmable data interface modes including I2S, LSB, MSB aligned
•
Programmable word length (8, 10, 12, 16, 18, 20, 22 or 24 bits)
•
Program options for frame sync and clock generation
•
Programmable I2S modes (Master, Slave)
•
Programmable internal clock divider
•
Time Slot Mask Registers for reduced CPU overhead (for Tx and Rx both)
•
SSI power-down feature
4.8
Analog-to-Digital Converter (ADC) Module
The MC13224V ADC module provides two 12-bit analog-to-digital converters (ADC_1 and ADC_2) with
eight external channels (ADC7 - ADC0) that can be multiplexed to either ADC. ADC_1 can also sample
a battery reference voltage for monitoring purposes. External pins (ADC2_VREFH, ADC2_VREFL,
ADC1_VREFH, and ADC1_VREFL) are provided for independent ADC reference voltages. The
minimum sample time is 20 µs. Figure 8 shows a block diagram of the ADC module.
Each ADC can be programmed to scan multiple selected channels on a timed basis. The primary clock to
the ADC module is the peripheral reference clock (typically 24 MHz). For the time period between scan
sequences, the primary clock is first divided by an 8-bit prescale (1-255), and the derived clock drives both
the 32-bit delay timer and the ADC sequencer. Each ADC has its own delay timer and sequencer.
Once a scan sequence has been initiated, all selected channels can be sampled. Registers are provided to
define thresholds that can be enabled for the sampled channels. A threshold can be assigned to a specific
channel and can be programmed to be a less-than or greater-than threshold. Multiple thresholds can be



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com