| 전자부품 데이터시트 검색엔진 |
|
ADA4858-3ACPZ-R7 데이터시트(PDF) 3 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADA4858-3ACPZ-R7 데이터시트(HTML) 3 Page - Analog Devices |
|
3 / 16 page ![]() ADA4858-3 Rev. 0 | Page 3 of 16 SPECIFICATIONS TA = 25°C, VS = 5 V, G = 2, RF = 301 Ω, RF = 402 Ω for G = 1, RL = 150 Ω, unless otherwise noted. Table 1. Parameter Conditions Min Typ Max Unit DYNAMIC PERFORMANCE −3 dB Bandwidth VOUT = 0.1 V p-p, G = 1 600 MHz VOUT = 0.1 V p-p 350 MHz VOUT = 2 V p-p, G = 1 165 MHz VOUT = 2 V p-p 175 MHz Bandwidth for 0.1 dB Flatness VOUT = 2 V p-p 85 MHz Slew Rate VOUT = 2 V step 600 V/μs Settling Time to 0.1% VOUT = 2 V step 18 ns NOISE/DISTORTION PERFORMANCE Harmonic Distortion (HD2/HD3) fC = 1 MHz, VO = 2 V p-p −86/−94 dBc fC = 5 MHz, VO = 2 V p-p −71/−84 dBc Crosstalk f = 5 MHz −60 dB Input Voltage Noise f = 1 MHz 4 nV/√Hz Input Current Noise f = 1 MHz (+IN/−IN) 2/9 pA/√Hz Differential Gain Error 0.01 % Differential Phase Error 0.02 Degrees DC PERFORMANCE Input Offset Voltage −14 +0.5 +14 mV + nput Bias Current −2 +0.7 +2 μA −Input Bias Current −13 +8 +13 μA Open-Loop Transimpedance 300 390 kΩ INPUT CHARACTERISTICS Input Resistance +IN 15 MΩ −IN 90 Ω Input Capacitance +IN 1.5 pF Input Common-Mode Voltage Range Typical −1.8 +3.8 V Common-Mode Rejection Ratio −61 −54 dB OUTPUT CHARACTERISTICS Output Voltage Swing −1.4 to +3.6 −1.7 to +3.7 V Output Overdrive Recovery Time Rise/fall, f = 5 MHz 15 ns Maximum Linear Output Current @ VO = 1 VPEAK fC = 1 MHz, HD2 ≤ −50 dBc 21 mA POWER-DOWN Input Voltage Enabled 1.9 V Powered down 2 V Bias Current −0.1 +0.1 μA Turn-On Time 0.3 μs Turn-Off Time 1.6 μs POWER SUPPLY Operating Range 3 5.5 V Total Quiescent Current Amplifiers 15 19 21 mA Charge Pump 23 mA Total Quiescent Current When Powered Down Amplifiers 0.15 0.25 0.3 mA Charge Pump 4 mA Positive Power Supply Rejection Ratio −64 −60 dB Negative Power Supply Rejection Ratio −58 −54 dB Charge Pump Output Voltage −3.3 −3 −2.5 V Charge Pump Sink Current 150 mA |