전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADE8052Z-DWDL1 데이터시트(PDF) 95 Page - Analog Devices

부품명 ADE8052Z-DWDL1
상세설명  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADE8052Z-DWDL1 데이터시트(HTML) 95 Page - Analog Devices

Back Button ADE8052Z-DWDL1 Datasheet HTML 91Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 92Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 93Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 94Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 95Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 96Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 97Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 98Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 99Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 148 page
background image
ADE5166/ADE5169
Rev. 0 | Page 95 of 148
Table 98. LCD Pointer SFR (LCDPTR, Address 0xAC)
Bit
Mnemonic
Default
Description
7
R/W
0
Read or write LCD bit. If this bit is set to 1, the data in the LCD data SFR (LCDDAT, Address 0xAE)
is written to the address indicated by the ADDRESS bits (LCDPTR[3:0]).
6
Reserved
0
Reserved.
[5:4]
RAM2SCREEN
0
These bits select the screen recipient of the data memory action.
[3:0]
ADDRESS
0
LCD memory address (see Table 101).
Table 99. LCD Data SFR (LCDDAT, Address 0xAE)
Bit
Mnemonic
Default
Description
[7:0]
LCDDATA
0
Data to be written into or read out of the LCD memory SFRs.
Table 100. LCD Segment Enable 2 SFR (LCDSEGE2, Address 0xED)
Bit
Mnemonic
Default
Description
[7:4]
Reserved
0
Reserved.
3
FP19EN
0
FP19 function select bit. 0 = general-purpose I/O, 1 = LCD function.
2
FP18EN
0
FP18 function select bit. 0 = general-purpose I/O, 1 = LCD function.
1
FP17EN
0
FP17 function select bit. 0 = general-purpose I/O, 1 = LCD function.
0
FP16EN
0
FP16 function select bit. 0 = general-purpose I/O, 1 = LCD function.
LCD SETUP
The LCD configuration SFR (LCDCON, Address 0x95) configures
the LCD module to drive the type of LCD in the user end system.
The BIAS bit (Bit 2) and the LMUX bits (Bits[1:0]) in this SFR
should be set according to the LCD specifications.
The COM2/FP28 and COM3/FP27 pins default to LCD segment
lines. Selecting the 3× multiplex level in the LCD configuration
SFR (LCDCON, Address 0x95) by setting LMUX[1:0] to 10
changes the FP28 pin functionality to COM2. The 4× multiplex
level selection, LMUX[1:0] = 11, changes the FP28 pin function-
ality to COM2 and the FP27 pin functionality to COM3.
The LCD segments of FP0 to FP15 are enabled by default.
Additional pins are selected for LCD functionality in the LCD
segment enable SFR (LCDSEGE, Address 0x97) and LCD
Segment Enable 2 SFR (LCDSEGE2, Address 0xED) where
there are individual enable bits for the FP16 to FP25 segment
pins. The LCD pins do not have to be enabled sequentially. For
example, if the alternate function of FP23, the Timer 2 input, is
required, any of the other shared pins, FP16 to FP25, can be
enabled instead.
The Display Element Control section contains details about setting
up the LCD data memory to turn individual LCD segments on
and off. Setting the LCDRST bit (Bit 6) in the LCD configuration
SFR (LCDCON, Address 0x95) resets the LCD data memory to
its default (0). A power-on reset also clears the LCD data memory.
LCD TIMING AND WAVEFORMS
An LCD segment acts like a capacitor that is charged and dis-
charged at a certain rate. This rate, the refresh rate, determines
the visual characteristics of the LCD. A slow refresh rate results
in the LCD blinking on and off between refreshes. A fast refresh
rate presents a screen that appears to be continuously lit. In
addition, a faster refresh rate consumes more power.
The frame rate, or refresh rate, for the LCD module is derived
from the LCD clock, fLCDCLK. The LCD clock is selected as 2048 Hz
or 128 Hz by the CLKSEL bit (Bit 3) in the LCD configuration
SFR (LCDCON, Address 0x95). The minimum refresh rate
needed for the LCD to appear solid (without blinking) is
independent of the multiplex level.
The LCD waveform frequency, fLCD, is the frequency at which
the LCD switches the active common line. Thus, the LCD
waveform frequency depends heavily on the multiplex level.
The frame rate and LCD waveform frequency are set by fLCDCLK,
the multiplex level, and the FD[3:0] frame rate selection bits in
the LCD clock SFR (LCDCLK, Address 0x96).
The LCD module provides 16 different frame rates for fLCDCLK =
2048 Hz, ranging from 8 Hz to 128 Hz for an LCD with 4×
multiplexing. Fewer options are available with fLCDCLK = 128 Hz,
ranging from 8 Hz to 32 Hz for a 4× multiplexed LCD. The
128 Hz clock is beneficial for battery operation because it consumes
less power than the 2048 Hz clock. The frame rate is set by the
FD[3:0] bits in the LCD clock SFR (LCDCLK, Address 0x96);
see Table 95 and Table 96.
The LCD waveform is inverted at twice the LCD waveform fre-
quency, fLCD. This way, each frame has an average dc offset of 0.
ADC offset degrades the lifetime and performance of the LCD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com