전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS431AI 데이터시트(PDF) 9 Page - STMicroelectronics

부품명 TS431AI
상세설명  LOW VOLTAGE ADJUSTABLE SHUNT REFERENCE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS431AI 데이터시트(HTML) 9 Page - STMicroelectronics

Back Button TS431AI Datasheet HTML 5Page - STMicroelectronics TS431AI Datasheet HTML 6Page - STMicroelectronics TS431AI Datasheet HTML 7Page - STMicroelectronics TS431AI Datasheet HTML 8Page - STMicroelectronics TS431AI Datasheet HTML 9Page - STMicroelectronics TS431AI Datasheet HTML 10Page - STMicroelectronics TS431AI Datasheet HTML 11Page - STMicroelectronics TS431AI Datasheet HTML 12Page - STMicroelectronics TS431AI Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
TS431
Package mechanical data
9/14
3.1
SOT23-5 package
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
0.90
1.45
0.035
0.057
A1
0.00
0.15
0.00
0.006
A2
0.90
1.30
0.035
0.051
b
0.35
0.50
0.014
0.02
C
0.09
0.20
0.003
0.008
D
2.80
3.00
0.110
0.118
E
2.60
3.00
0.102
0.118
E1
1.50
1.75
0.059
0.069
e
0.95
0.037
e1
1.9
0.075
L
0.35
0.55
0.014
0.022
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14