| 전자부품 데이터시트 검색엔진 |
|
EM14A0D-B20-R032S 데이터시트(PDF) 3 Page - Bourns Electronic Solutions |
|
|
|||||||||||||||||||||||||||||
EM14A0D-B20-R032S 데이터시트(HTML) 3 Page - Bourns Electronic Solutions |
|
3 / 5 page ![]() Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications. EM14 - 14 mm Rotary Optical Encoder w/Switch Product Dimensions F L 14.25 (0.561) R ANTI-ROTATION BOSS (OPTIONAL) HIGH X 1.19 (.047) .79 (.031) 3.18 (.125) TYP. "L" PIN STYLE TYP. "L" PIN STYLE TYP. "R" PIN STYLE 10.03 (.395) MOUNTING SURFACE 9.53 (.375) 1.52 (.060) 1.75 (.069) DIA. 0.457 ± 0.026 (.018 ± .001) TYP. "R" PIN STYLE 2.08 (.082) 14.76 (.581) 8.00 (.315) 4.76 (.187) METAL BUSHING (SEE TABLE FOR OPTIONS) METAL SHAFT (SEE TABLE FOR OPTIONS) F SHAFT DIA. BUSHING DIA. SHAFT LENGTH "L" FLAT LENGTH "F" L 9.53 (.375) 0.79 (.031) 4.76 (.187) 6.35 (.250) 9.52 (.375) 19.05 (.750) 7.94 (.313) 22.22 (.875) 9.52 (.375) 3/8-32 UNEF-2A "A" Style Bushing - Flatted Shafts "R" Style Bushing - Flatted Shafts "C" Style Bushing - Slotted Shafts "A" Style Bushing - Slotted Shafts "R" Style Bushing - Slotted Shafts L 6.35 (.250) 1/4-32 UNEF-2A M10 x 0.75-6 g 3/8-32 UNEF-2A F L 9.5 (.374) 1.52 (.060) 0.99 (.040) 0.99 (.040) L 9.5 (.374) 1.8 (.071) L 9.53 (.375) 1.8 (.071) 4.42 (.174) M10 x 0.75-6 g SHAFT DIA. BUSHING DIA. SHAFT LENGTH "L" FLAT LENGTH "F" 6.0 (.236) 10.0 (.394) 20.0 (.787) 7.0 (.275) 25.0 (.984) 12.0 (.472) SHAFT DIA. BUSHING DIA. SHAFT LENGTH "L" 6.35 (.250) 9.52 (.375) 19.05 (.750) 22.22 (.875) SHAFT DIA. BUSHING DIA. SHAFT LENGTH "L" 6.35 (.250) 9.52 (.375) 19.05 (.750) 22.22 (.875) SHAFT DIA. BUSHING DIA. SHAFT LENGTH "L" 6.0 (.236) 10.0 (.394) 20.0 (.787) 25.0 (.984) Shaft / Flat Length Dimensions |