전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMS320C6745PTP2 데이터시트(PDF) 22 Page - Texas Instruments

부품명 TMS320C6745PTP2
상세설명  Floating-point Digital Signal Processor
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6745PTP2 데이터시트(HTML) 22 Page - Texas Instruments

Back Button TMS320C6745PTP2 Datasheet HTML 18Page - Texas Instruments TMS320C6745PTP2 Datasheet HTML 19Page - Texas Instruments TMS320C6745PTP2 Datasheet HTML 20Page - Texas Instruments TMS320C6745PTP2 Datasheet HTML 21Page - Texas Instruments TMS320C6745PTP2 Datasheet HTML 22Page - Texas Instruments TMS320C6745PTP2 Datasheet HTML 23Page - Texas Instruments TMS320C6745PTP2 Datasheet HTML 24Page - Texas Instruments TMS320C6745PTP2 Datasheet HTML 25Page - Texas Instruments TMS320C6745PTP2 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 203 page
background image
3.6.3
Real-Time Clock and 32-kHz Oscillator
3.6.4
External Memory Interface A (ASYNC, SDRAM)
TMS320C6745/6747 Floating-point Digital Signal Processor
SPRS377B – SEPTEMBER 2008 – REVISED DECEMBER 2008
www.ti.com
Table 3-6. Real-Time Clock (RTC) and 1.2-V, 32-kHz Oscillator Terminal Functions
PIN NO
SIGNAL NAME
TYPE(1)
PULL(2)
DESCRIPTION
PTP
ZKB
RTC_CVDD
-
G1
PWR
RTC module core power ( isolated from rest of chip CVDD)
RTC_XI
-
H1
I
Low-frequency (32-kHz) oscillator receiver for real-time clock
RTC_XO
-
H2
O
Low-frequency (32-kHz) oscillator driver for real-time clock
RTC_Vss
-
G2
GND
Oscillator ground (for filter)
(1)
I = Input, O = Output, I/O = Bidirectional, Z = High impedance, PWR = Supply voltage, GND = Ground, A = Analog signal.
Note: For multiplexed pins where functions have different types (ie., input versus output), the table reflects the pin function direction for
that particular peripheral.
(2)
IPD = Internal Pulldown resistor, IPU = Internal Pullup resistor
Table 3-7. External Memory Interface A (EMIFA) Terminal Functions
PIN NO
SIGNAL NAME
TYPE(1)
PULL(2)
MUXED
DESCRIPTION
PTP
ZKB
EMA_D[15]/UHPI_HD[15]/LCD_D[15]/GP0[15]
-
M16
I/O
IPD
EMA_D[14]/UHPI_HD[14]/LCD_D[14]/GP0[14]
-
N14
I/O
IPD
EMA_D[13]/UHPI_HD[13]/LCD_D[13]/GP0[13]
-
N16
I/O
IPD
EMA_D[12]/UHPI_HD[12]/LCD_D[12]/GP0[12]
-
P14
I/O
IPD
UHPI, LCD,
GPIO
EMA_D[11]/UHPI_HD[11]/LCD_D[11]/GP0[11]
-
P16
I/O
IPD
EMA_D[10]/UHPI_HD[10]/LCD_D[10]/GP0[10]
-
R14
I/O
IPD
EMA_D[9]/UHPI_HD[9]/LCD_D[9]/GP0[9]
-
T14
I/O
IPD
EMA_D[8]/UHPI_HD[8]/LCD_D[8]/GP0[8]
-
N12
I/O
IPD
MMC/SD,
EMA_D[7]/MMCSD_DAT[7]/UHPI_HD[7]/GP0[7]/BOOT[13]
54
M15
I/O
IPU
UHPI, GPIO,
EMIFA data bus
BOOT
EMA_D[6]/MMCSD_DAT[6]/UHPI_HD[6]/GP0[6]
52
N13
I/O
IPU
EMA_D[5]/MMCSD_DAT[5]/UHPI_HD[5]/GP0[5]
51
N15
I/O
IPU
EMA_D[4]/MMCSD_DAT[4]/UHPI_HD[4]/GP0[4]
49
P13
I/O
IPU
MMC/SD,
UHPI, GPIO
EMA_D[3]/MMCSD_DAT[3]/UHPI_HD[3]/GP0[3]
48
P15
I/O
IPU
EMA_D[2]/MMCSD_DAT[2]/UHPI_HD[2]/GP0[2]
46
R13
I/O
IPU
EMA_D[1]/MMCSD_DAT[1]/UHPI_HD[1]/GP0[1]
45
R15
I/O
IPU
MMC/SD,
EMA_D[0]/MMCSD_DAT[0]/UHPI_HD[0]/GP0[0]/BOOT[12]
44
T13
I/O
IPU
UHPI, GPIO,
BOOT
(1)
I = Input, O = Output, I/O = Bidirectional, Z = High impedance, PWR = Supply voltage, GND = Ground, A = Analog signal.
Note: The pin type shown refers to the input, output or high-impedance state of the pin function when configured as the the signal name
highlighted in bold. All multiplexed signals may enter a high-impedance state when the configured function is input-only or the configured
function supports high-Z operation. All GPIO signals can be used as input or output. For multiplexed pins where functions have different
types (ie., input versus output), the table reflects the pin function direction for that particular peripheral.
(2)
IPD = Internal Pulldown resistor, IPU = Internal Pullup resistor
22
Device Overview
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com