전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMS320C6745PTPT2 데이터시트(PDF) 93 Page - Texas Instruments

부품명 TMS320C6745PTPT2
상세설명  Floating-point Digital Signal Processor
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6745PTPT2 데이터시트(HTML) 93 Page - Texas Instruments

Back Button TMS320C6745PTPT2 Datasheet HTML 89Page - Texas Instruments TMS320C6745PTPT2 Datasheet HTML 90Page - Texas Instruments TMS320C6745PTPT2 Datasheet HTML 91Page - Texas Instruments TMS320C6745PTPT2 Datasheet HTML 92Page - Texas Instruments TMS320C6745PTPT2 Datasheet HTML 93Page - Texas Instruments TMS320C6745PTPT2 Datasheet HTML 94Page - Texas Instruments TMS320C6745PTPT2 Datasheet HTML 95Page - Texas Instruments TMS320C6745PTPT2 Datasheet HTML 96Page - Texas Instruments TMS320C6745PTPT2 Datasheet HTML 97Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 203 page
background image
6.11.1 Interfacing to SDRAM
EMB_CS
EMB_CAS
EMB_RAS
EMB_WE
EMB_CLK
EMB_SDCKE
EMB_BA[1:0]
EMB_A[11:0]
EMB_WE_DQM[0]
EMB_WE_DQM[1]
EMB_D[15:0]
EMIFB
CE
CAS
RAS
WE
CLK
CKE
BA[1:0]
A[11:0]
LDQM
UDQM
DQ[15:0]
SDRAM
2Mx16x4
Bank
EMB_CS
EMB_CAS
EMB_RAS
EMB_WE
EMB_CLK
EMB_SDCKE
EMB_BA[1:0]
EMB_A[11:0]
EMB_WE_DQM[3:0]
EMB_D[31:0]
EMIFB
CE
CAS
RAS
WE
CLK
CKE
BA[1:0]
A[11:0]
DQM[3:0]
DQ[31:0]
SDRAM
2Mx32x4
Bank
TMS320C6745/6747 Floating-point Digital Signal Processor
www.ti.com
SPRS377B – SEPTEMBER 2008 – REVISED DECEMBER 2008
The EMIFB supports a glueless interface to SDRAM devices with the following characteristics:
• Pre-charge bit is A[10]
• The number of column address bits is 8, 9, 10 or 11
• The number of row address bits is 13 (in case of mobile SDR, number of row address bits can be 9,
10, 11, 12, or 13)
• The number of internal banks is 1, 2 or 4
Figure 6-22 shows an interface between the EMIFB and a 2M
× 16 × 4 bank SDRAM device. In addition,
Figure 6-23 shows an interface between the EMIFB and a 2M
× 32 × 4 bank SDRAM device and
Figure 6-24 shows an interface between the EMIFB and two 4M
× 16 × 4 bank SDRAM devices. Refer to
Table 6-21, as an example that shows additional list of commonly-supported SDRAM devices and the
required connections for the address pins. Note that in Table 6-21, page size/column size (not indicated in
the table) is varied to get the required addressability range.
Figure 6-22. EMIFB to 2M
× 16 × 4 bank SDRAM Interface
Figure 6-23. EMIFB to 2M
× 32 × 4 bank SDRAM Interface
Submit Documentation Feedback
Peripheral Information and Electrical Specifications
93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com