전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS862AI 데이터시트(PDF) 9 Page - STMicroelectronics

부품명 TS862AI
상세설명  RAIL TO RAIL MICROPOWER BICMOS COMPARATORS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS862AI 데이터시트(HTML) 9 Page - STMicroelectronics

Back Button TS862AI Datasheet HTML 5Page - STMicroelectronics TS862AI Datasheet HTML 6Page - STMicroelectronics TS862AI Datasheet HTML 7Page - STMicroelectronics TS862AI Datasheet HTML 8Page - STMicroelectronics TS862AI Datasheet HTML 9Page - STMicroelectronics TS862AI Datasheet HTML 10Page - STMicroelectronics TS862AI Datasheet HTML 11Page - STMicroelectronics TS862AI Datasheet HTML 12Page - STMicroelectronics TS862AI Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
TS861-TS862-TS864
9/15
TS861IN - TS862IN
PACKAGE MECHANICAL DATA
8 PINS - PLASTIC PACKAGE
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
3.32
0.131
a1
0.51
0.020
B
1.15
1.65
0.045
0.065
b
0.356
0.55
0.014
0.022
b1
0.204
0.304
0.008
0.012
D
10.92
0.430
E
7.95
9.75
0.313
0.384
e
2.54
0.100
e3
7.62
0.300
e4
7.62
0.300
F
6.6
0260
i
5.08
0.200
L
3.18
3.81
0.125
0.150
Z
1.52
0.060



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15