| 전자부품 데이터시트 검색엔진 |
|
MPC5121E 데이터시트(PDF) 4 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC5121E 데이터시트(HTML) 4 Page - Freescale Semiconductor, Inc |
|
4 / 86 page ![]() MPC5121E/MPC5123 Data Sheet, Rev. 1 Pin Assignments Freescale Semiconductor 4 2 Pin Assignments This section details pin assignments. 2.1 Pinout Listings Table 3 provides the pin-out listing for the MPC5121e/MPC5123. SPC5123YVY300B 300 -40oC to 85oC Automotive - AEC RoHS and Pb-free Tray SPC5123YVY300BR 300 -40oC to 85oC Automotive - AEC RoHS and Pb-free Tape and Reel MPC5123VY400B 400 0oC to 70oC Consumer RoHS and Pb-free Tray MPC5123VY400BR 400 0oC to 70oC Consumer RoHS and Pb-free Tape and Reel MPC5123YVY400B 400 -40oC to 85oC Industrial RoHS and Pb-free Tray MPC5123YVY400BR 400 -40oC to 85oC Industrial RoHS and Pb-free Tape and Reel SPC5123YVY400B 400 -40oC to 85oC Automotive - AEC RoHS and Pb-free Tray SPC5123YVY400BR 400 -40oC to 85oC Automotive - AEC RoHS and Pb-free Tape and Reel Table 3. MPC5121e/MPC5123 TE-PBGA Pinout Listing (Sheet 1 of 12) Signal Package Pin Number Pad Type Power Supply Notes DDR Memory Interface (67 Total) MDQ0 AF5 DDR VDD_MEM_IO — MDQ1 AB6 DDR VDD_MEM_IO — MDQ2 AE4 DDR VDD_MEM_IO — MDQ3 AF6 DDR VDD_MEM_IO — MDQ4 AF7 DDR VDD_MEM_IO — MDQ5 AB8 DDR VDD_MEM_IO — MDQ6 AD6 DDR VDD_MEM_IO — MDQ7 AE6 DDR VDD_MEM_IO — MDQ8 AC7 DDR VDD_MEM_IO — MDQ9 AF8 DDR VDD_MEM_IO — MDQ10 AB9 DDR VDD_MEM_IO — MDQ11 AD7 DDR VDD_MEM_IO — MDQ12 AE9 DDR VDD_MEM_IO — MDQ13 AF10 DDR VDD_MEM_IO — MDQ14 AC9 DDR VDD_MEM_IO — MDQ15 AF11 DDR VDD_MEM_IO — Table 2. MPC5123 Orderable Part Numbers (continued) Freescale Part Number Speed (MHz) Temperature (ambient) Qualification Package Availability Preliminary |