| 전자부품 데이터시트 검색엔진 |
|
MPC5200BDS 데이터시트(PDF) 69 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC5200BDS 데이터시트(HTML) 69 Page - Freescale Semiconductor, Inc |
|
69 / 72 page ![]() MPC5200B Data Sheet, Rev. 3 Freescale Semiconductor 69 Figure 55. JTAG_TRST Wiring for Boards without COP Connector 4 Ordering Information Table 54. Ordering Information Part Number1 1 Shipped in trays. Add “R2” suffix for Tape & Reel. Speed Ambient Temp Qualification2 2 Commercial Qualified to <250PPM level. Industrial/Automotive Qualified to AEC-Q100. Automotive has Zero Defect flow. Packaging3 3 Standard is halide-free with pb solder balls. MPC5200VR400B 400 0C to 70C Commercial RoHS & pb-free MPC5200CVR466B 400 -40C to 85C Industrial RoHS & pb-free SPC5200VVR266B 266 -40C to 105C Automotive – AEC RoHS & pb-free SPC5200CBV400B 400 -40C to 85C Automotive – AEC Standard SPC5200CVR400B 400 -40C to 85C Automotive – AEC RoHS & pb-free HRESET SRESET VDD VDD JTAG_TRST VDD JTAG_TMS VDD JTAG_TCK VDD JTAG_TDI TEST_SEL_0 JTAG_TDO HRESET SRESET 10Kohm 10Kohm MPC5200B PORRESET PORRESET 10Kohm 10Kohm 10Kohm |