전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MPC8313EEC 데이터시트(PDF) 37 Page - Freescale Semiconductor, Inc

부품명 MPC8313EEC
상세설명  PowerQUICC??II Pro Processor Hardware Specifications
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8313EEC 데이터시트(HTML) 37 Page - Freescale Semiconductor, Inc

Back Button MPC8313EEC Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 41Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 100 page
background image
MPC8313E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2.1
Freescale Semiconductor
37
High-Speed Serial Interfaces (HSSI)
4. Differential peak voltage, VDIFFp
The peak value of the differential transmitter output signal or the differential receiver input signal
is defined as differential peak voltage, VDIFFp = |A – B| volts.
5. Differential peak-to-peak, VDIFFp-p
Since the differential output signal of the transmitter and the differential input signal of the receiver
each range from A – B to –(A – B) volts, the peak-to-peak value of the differential transmitter
output signal or the differential receiver input signal is defined as differential peak-to-peak voltage,
VDIFFp-p = 2 × VDIFFp = 2 × |(A – B)| volts, which is twice of differential swing in amplitude, or
twice of the differential peak. For example, the output differential peak-peak voltage can also be
calculated as VTX-DIFFp-p = 2 × |VOD|.
6. Differential waveform
The differential waveform is constructed by subtracting the inverting signal (TXn, for example)
from the non-inverting signal (TXn, for example) within a differential pair. There is only one signal
trace curve in a differential waveform. The voltage represented in the differential waveform is not
referenced to ground. Refer to Figure 31 as an example for differential waveform.
7. Common mode voltage, Vcm
The common mode voltage is equal to one half of the sum of the voltages between each conductor
of a balanced interchange circuit and ground. In this example, for SerDes output, Vcm_out =
(VTXn +VTXn)/2 = (A + B)/2, which is the arithmetic mean of the two complimentary output
voltages within a differential pair. In a system, the common mode voltage may often differ from
one component’s output to the other’s input. Sometimes, it may be even different between the
receiver input and driver output circuits within the same component. It’s also referred as the DC
offset in some occasion.
Figure 22. Differential Voltage Definitions for Transmitter or Receiver
To illustrate these definitions using real values, consider the case of a CML (current mode logic)
transmitter that has a common mode voltage of 2.25 V and each of its outputs, TD and TD, has a swing
that goes between 2.5 and 2.0 V. Using these values, the peak-to-peak voltage swing of each signal (TD or
TD) is 500 mV p-p, which is referred as the single-ended swing for each signal. In this example, since the
differential signaling environment is fully symmetrical, the transmitter output’s differential swing (VOD)
has the same amplitude as each signal’s single-ended swing. The differential output signal ranges between
500 and –500 mV, in other words, VOD is 500 mV in one phase and –500 mV in the other phase. The peak
differential voltage (VDIFFp) is 500 mV. The peak-to-peak differential voltage (VDIFFp-p) is 1000 mV p-p.
A Volts
B Volts
TX
n or RXn
TX
n or RXn
Vcm = (A + B)/2
Differential Swing, VID or VOD = A – B
Differential Peak Voltage, VDIFFp = |A – B|
Differential Peak-Peak Voltage, VDIFFpp = 2*VDIFFp (not shown)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com