전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MPC5633MMLU80 데이터시트(PDF) 56 Page - Freescale Semiconductor, Inc

부품명 MPC5633MMLU80
상세설명  Microcontroller
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5633MMLU80 데이터시트(HTML) 56 Page - Freescale Semiconductor, Inc

Back Button MPC5633MMLU80 Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC5633MMLU80 Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC5633MMLU80 Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC5633MMLU80 Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC5633MMLU80 Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC5633MMLU80 Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC5633MMLU80 Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC5633MMLU80 Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC5633MMLU80 Datasheet HTML 60Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 106 page
background image
VRCCTL
Voltage Regulator Control
Output
—
—
O
NA
O / –
—
11
11
N14
VDDA33
Analog Power Input for
eQADC
—
—
I
VDDA (5.0 V)
I / –
—
6
6
—
VDDA0
Analog Power Input for
eQADC
—
—
I
VDDA
I / –
—
—
—
B11
VSSA0
Analog Ground Input for
eQADC
—
—
I
VSSA
I / –
—
—
—
A11
VDDA1
Analog Power Input for
eQADC
—
—
I
VDDA
I / –
—
—
—
A4
VSSA1
Analog Ground Input for
eQADC
—
—
I
VSSA
I / –
—
—
—
A5
VSSA34
Analog Ground Input for
eQADC
—
—
I
VSSA
I / –
—
7
7
—
VDDREG
Voltage Regulator Supply
—
—
I
VDDREG
(5.0 V)
I / –
—
10
10
K16
VDD
Internal Logic Supply Input
—
—
I
VDD (1.2 V)
I / –
—
26, 53,
86, 120
33, 62,
103,
149
B1, B16, C2,
D3, E4, N5,
P4, P13, R3,
R14, T2,
T15
VSS
Ground
—
—
–
VSS0
I / –
—
22, 36,
48, 59,
73, 79,
91,
104,
115
15, 29,
43, 57,
72, 90,
96,
108,
1157,
127,
133,
140
A1, A16, B2,
B15, C3,
C14, D4,
D13, G7,
G8, G9,
G10, H7,
H8, H9,
H10, J7, J8,
J9, J10, K7,
K8, K9, K10,
N4, N13,
P3, P14, R2,
R15, T1,
T16
VDDEH1A35
VDDEH1B35
I/O Supply Input
—
—
I
VDDEH136
(3.3–5.0 V)
I / –
—
24, 34,
46
31, 41
55
K4
Table 3. MPC563xM signal properties (continued)
Name
Function1
Pad
Config.
Register
(PCR)2
PCR PA
Field3
I/O
Type
Voltage4 /
Pad Type
Reset State5
Function / State
After Reset6
Pin No.
144
LQFP
176
LQFP
208 MAPB
GA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com