| 전자부품 데이터시트 검색엔진 |
|
MPC5633MMMG60 데이터시트(PDF) 50 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC5633MMMG60 데이터시트(HTML) 50 Page - Freescale Semiconductor, Inc |
|
50 / 106 page ![]() AN[13] MA[1] ETPU_A[21] SDO Single Ended Analog Input Mux Address ETPU_A Ch. eQADC Serial Data Out PCR[216] 011 010 100 000 I O O O VDDEH7 I / – AN[13] / – 118 147 B12 AN[14] MA[2] ETPU_A[27] SDI Single Ended Analog Input Mux Address ETPU_A Ch. eQADC Serial Data In PCR[217] 011 010 100 000 I O O I VDDEH7 I / – AN[14] / – 117 146 C12 AN[15] FCK ETPU_A[29] Single Ended Analog Input eQADC Free Running Clock ETPU_A Ch. PCR[218] 011 010 100 I O O VDDEH7 I / – AN[15] / – 116 145 C13 AN[16] Single Ended Analog Input — — I VDDA I / – AN[x] / – 3 3 C6 AN[17] Single Ended Analog Input — — I VDDA I / – AN[x] / – 2 2 C4 AN[18] Single Ended Analog Input — — I VDDA I / – AN[x] / – 1 1 D5 AN[21] Single Ended Analog Input — — I VDDA I / – AN[x] / – 144 173 B4 AN[22] Single Ended Analog Input — — I VDDA I / – AN[x] / – 132 161 B8 AN[23] Single Ended Analog Input — — I VDDA I / – AN[x] / – 131 160 C9 AN[24] Single Ended Analog Input — — I VDDA I / – AN[x] / – 130 159 D8 AN[25] Single Ended Analog Input — — I VDDA I / – AN[x] / – 129 158 B9 AN[27] Single Ended Analog Input — — I VDDA I / – AN[x] / – 128 157 A10 AN[28] Single Ended Analog Input — — I VDDA I / – AN[x] / – 127 156 B10 AN[30] Single Ended Analog Input — — I VDDA I / – AN[x] / – 126 155 D9 AN[31] Single Ended Analog Input — — I VDDA I / – AN[x] / – 125 154 D10 AN[32] Single Ended Analog Input — — I VDDA I / – AN[x] / – 124 153 C10 AN[33] Single Ended Analog Input — — I VDDA I / – AN[x] / – 123 152 C11 AN[34] Single Ended Analog Input — — I VDDA I / – AN[x] / – 122 151 C5 AN[35] Single Ended Analog Input — — I VDDA I / – AN[x] / – 121 150 D11 AN[36] Single Ended Analog Input — — I VDDA I / – AN[x] / – — 1747 F48 AN[37] Single Ended Analog Input — — I VDDA I / – AN[x] / – — 1757 E38 Table 3. MPC563xM signal properties (continued) Name Function1 Pad Config. Register (PCR)2 PCR PA Field3 I/O Type Voltage4 / Pad Type Reset State5 Function / State After Reset6 Pin No. 144 LQFP 176 LQFP 208 MAPB GA |