전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SPC5702BEMLU 데이터시트(PDF) 60 Page - Freescale Semiconductor, Inc

부품명 SPC5702BEMLU
상세설명  Microcontroller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5702BEMLU 데이터시트(HTML) 60 Page - Freescale Semiconductor, Inc

Back Button SPC5702BEMLU Datasheet HTML 56Page - Freescale Semiconductor, Inc SPC5702BEMLU Datasheet HTML 57Page - Freescale Semiconductor, Inc SPC5702BEMLU Datasheet HTML 58Page - Freescale Semiconductor, Inc SPC5702BEMLU Datasheet HTML 59Page - Freescale Semiconductor, Inc SPC5702BEMLU Datasheet HTML 60Page - Freescale Semiconductor, Inc SPC5702BEMLU Datasheet HTML 61Page - Freescale Semiconductor, Inc SPC5702BEMLU Datasheet HTML 62Page - Freescale Semiconductor, Inc SPC5702BEMLU Datasheet HTML 63Page - Freescale Semiconductor, Inc SPC5702BEMLU Datasheet HTML 64Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 98 page
background image
MPC560xS Microcontroller Data Sheet Data Sheet, Rev. 1
Preliminary—Subject to Change Without Notice
Electrical Characteristics
Freescale Semiconductor
60
Figure 10. Main Oscillator Electrical Characteristics
Table 25. Main Oscillator Electrical Characteristics
Symbol
Parameter
Conditions1
Value2
Unit
Min
Typ
Max
fXOSCHS
SR Oscillator frequency
4.0
—
16.0
MHz
gmXOSCHS
CC3 Oscillator
transconductance
VDD = 3.3 V ± 10%,
OSCILLATOR_MARGIN = 0
4.11
5.59
7.38
mA/V
VDD = 5.0 V ± 10%,
OSCILLATOR_MARGIN = 0
3.67
5.04
6.73
VDD = 3.3 V ± 10%,
OSCILLATOR_MARGIN = 1
4.93
6.70
8.86
VDD = 5.0 V ± 10%,
OSCILLATOR_MARGIN = 1
4.54
6.22
8.31
VXOSCHS
CC3 Oscillation amplitude
fOSC = 4 MHz,
VDD = 3.3 V ± 10%
2.51
—
—
V
fOSC = 16 MHz,
VDD = 3.3 V ± 10%
1.68
—
—
fOSC = 4 MHz,
VDD = 5.0 V ± 10%
4.74
—
—
fOSC = 16 MHz,
VDD = 5.0 V ± 10%
3.02
—
—
VXOSCHSOP CC
3 Oscillation operating
point
VDD = 3.3 V ± 10% VEXTAL
0.894
—
1.143
V
VXTAL
0.894
—
1.146
VDD = 5.0 V ± 10% VEXTAL
0.904
—
1.166
VXTAL
0.904
—
1.169
VXOSCHSOP
VDD
TXOSCHSSU
VDDMIN
VXTAL
VXOSCHS
valid internal clock
90%
10%
1/fXOSCHS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com