전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PCM1691 데이터시트(PDF) 33 Page - Texas Instruments

부품명 PCM1691
상세설명  24-Bit, 192-kHz Sampling, Enhanced Multi-Level, ?誇,Eight-Channel, Audio Digital-to-Analog Converter
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

PCM1691 데이터시트(HTML) 33 Page - Texas Instruments

Back Button PCM1691 Datasheet HTML 29Page - Texas Instruments PCM1691 Datasheet HTML 30Page - Texas Instruments PCM1691 Datasheet HTML 31Page - Texas Instruments PCM1691 Datasheet HTML 32Page - Texas Instruments PCM1691 Datasheet HTML 33Page - Texas Instruments PCM1691 Datasheet HTML 34Page - Texas Instruments PCM1691 Datasheet HTML 35Page - Texas Instruments PCM1691 Datasheet HTML 36Page - Texas Instruments PCM1691 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 47 page
background image
PCM1691
www.ti.com.............................................................................................................................................................................................. SBAS450 – OCTOBER 2008
DEC
HEX
B7
B6
B5
B4
B3
B2
B1
B0
69
45
ZERO8
ZERO7
ZERO6
ZERO5
ZERO4
ZERO3
ZERO2
ZERO1
ZERO[8:1]
Zero flag (read-only)
These bits indicate the present status of the zero detect circuit for each DAC channel; these bits
are read-only.
ZERO
Zero flag
xxxx xxx0
DAC1 zero input not detected
xxxx xxx1
DAC1 zero input detected
xxxx xx0x
DAC2 zero input not detected
xxxx xx1x
DAC2 zero input detected
xxxx x0xx
DAC3 zero input not detected
xxxx x1xx
DAC3 zero input detected
xxxx 0xxx
DAC4 zero input not detected
xxxx 1xxx
DAC4 zero input detected
xxx0 xxxx
DAC5 zero input not detected
xxx1 xxxx
DAC5 zero input detected
xx0x xxxx
DAC6 zero input not detected
xx1x xxxx
DAC6 zero input detected
x0xx xxxx
DAC7 zero input not detected
x1xx xxxx
DAC7 zero input detected
0xxx xxxx
DAC8 zero input not detected
1xxx xxxx
DAC8 zero input detected
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
33
Product Folder Link(s): PCM1691



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47