전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LPC2102 데이터시트(PDF) 29 Page - NXP Semiconductors

부품명 LPC2102
상세설명  Single-chip 16-bit/32-bit microcontrollers; 8 kB/16 kB/32 kB flash with ISP/IAP, fast ports and 10-bit ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2102 데이터시트(HTML) 29 Page - NXP Semiconductors

Back Button LPC2102 Datasheet HTML 24Page - NXP Semiconductors LPC2102 Datasheet HTML 25Page - NXP Semiconductors LPC2102 Datasheet HTML 26Page - NXP Semiconductors LPC2102 Datasheet HTML 27Page - NXP Semiconductors LPC2102 Datasheet HTML 28Page - NXP Semiconductors LPC2102 Datasheet HTML 29Page - NXP Semiconductors LPC2102 Datasheet HTML 30Page - NXP Semiconductors LPC2102 Datasheet HTML 31Page - NXP Semiconductors LPC2102 Datasheet HTML 32Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
LPC2101_02_03_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 7 October 2008
29 of 32
NXP Semiconductors
LPC2101/02/03
Single-chip 16-bit/32-bit microcontrollers
11. Abbreviations
Table 8.
Acronym list
Acronym
Description
ADC
Analog-to-Digital Converter
AMBA
Advanced Microcontroller Bus Architecture
APB
Advanced Peripheral Bus
DCC
Debug Communications Channel
DSP
Digital Signal Processor
FIFO
First In, First Out
FIQ
Fast Interrupt Request
GPIO
General Purpose Input/Output
IAP
In-Application Programming
IRQ
Interrupt Request
ISP
In-System Programming
PLL
Phase-Locked Loop
PWM
Pulse Width Modulator
SPI
Serial Peripheral Interface
SRAM
Static Random Access Memory
SSI
Synchronous Serial Interface
SSP
Synchronous Serial Port
TTL
Transistor-Transistor Logic
UART
Universal Asynchronous Receiver/Transmitter
VIC
Vectored Interrupt Controller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32