전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CS4364 데이터시트(PDF) 23 Page - Cirrus Logic

부품명 CS4364
상세설명  103 dB, 192 kHz 6-Channel D/A Converter
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CIRRUS [Cirrus Logic]
홈페이지  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4364 데이터시트(HTML) 23 Page - Cirrus Logic

Back Button CS4364 Datasheet HTML 19Page - Cirrus Logic CS4364 Datasheet HTML 20Page - Cirrus Logic CS4364 Datasheet HTML 21Page - Cirrus Logic CS4364 Datasheet HTML 22Page - Cirrus Logic CS4364 Datasheet HTML 23Page - Cirrus Logic CS4364 Datasheet HTML 24Page - Cirrus Logic CS4364 Datasheet HTML 25Page - Cirrus Logic CS4364 Datasheet HTML 26Page - Cirrus Logic CS4364 Datasheet HTML 27Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 50 page
background image
DS619F1
23
CS4364
4.3.1
OLM #1
OLM #1 serial audio interface format operates in Single-, Double-, or Quad-Speed Mode and will slave to
SCLK at 128 Fs. Six channels of MSB first 20-bit PCM data are input on SDIN1.
4.3.2
OLM #2
OLM #2 serial audio interface format operates in Single-, Double-, or Quad-Speed Mode and will slave to
SCLK at 256 Fs. Six channels of MSB first 24-bit PCM data are input on SDIN1.
4.4
Oversampling Modes
The CS4364 operates in one of three oversampling modes based on the input sample rate. Mode selection
is determined by the M4, M3 and M2 pins in Hardware Mode or the FM bits in Software Mode. Single-Speed
Mode supports input sample rates up to 50 kHz and uses a 128x oversampling ratio. Double-Speed Mode
supports input sample rates up to 100 kHz and uses an oversampling ratio of 64x. Quad-Speed Mode sup-
ports input sample rates up to 200 kHz and uses an oversampling ratio of 32x.
The auto speed-mode detect feature allows for the automatic selection of speed mode based off of the in-
coming sample rate. This allows the CS4364 to accept a wide range of sample rates with no external inter-
vention necessary. The auto speed-mode detect feature is available in both Hardware and Software Mode.
LRCK
SCLK
Left Channel
Right Channel
SDINx
654
3
210
987
15 14 13 12 11 10
10
654
3210
98
7
15 14 13 12 11 10
17 16
17 16
32 clocks
Figure 13. Format 5 - Right-Justified 18-bit Data
LRCK
SCLK
LSB
MSB
20 clks
64 clks
64 clks
LSB
MSB
LSB
MSB
LSB
MSB
LSB
MSB
LSB
MSB
MSB
DAC_A1
20 clks
20 clks
20 clks
20 clks
20 clks
Left Channel
Right Channel
SDIN1
DAC_A2
DAC_A3
DAC_B1
DAC_B2
DAC_B3
Figure 14. Format 8 - One Line Mode 1
LSB
MSB
24 clks
128 clks
LSB
MSB
LSB
MSB
LSB
MSB
LSB
MSB
LSB
MSB
MSB
DAC_A1
24 clks
24 clks
24 clks
24 clks
24 clks
Left Channel
Right Channel
128 clks
LRCK
SCLK
SDIN1
DAC_A2
DAC_A3
DAC_B1
DAC_B2
DAC_B3
Figure 15. Format 9 - One Line Mode 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com